Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLZ44NSPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRLZ44NSPBF
Description  HEXFET짰 Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLZ44NSPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRLZ44NSPBF Datasheet HTML 2Page - International Rectifier IRLZ44NSPBF Datasheet HTML 3Page - International Rectifier IRLZ44NSPBF Datasheet HTML 4Page - International Rectifier IRLZ44NSPBF Datasheet HTML 5Page - International Rectifier IRLZ44NSPBF Datasheet HTML 6Page - International Rectifier IRLZ44NSPBF Datasheet HTML 7Page - International Rectifier IRLZ44NSPBF Datasheet HTML 8Page - International Rectifier IRLZ44NSPBF Datasheet HTML 9Page - International Rectifier IRLZ44NSPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRLZ44NS/LPbF
Fig 12a. Unclamped Inductive Test Circuit
Fig 12b. Unclamped Inductive Waveforms
VDS
L
D.U.T.
VDD
IAS
tp
0.01
RG
+
-
tp
VDS
IAS
VDD
V(BR)DSS
5.0V
QG
QGS
QGD
VG
Charge
Fig 13a. Basic Gate Charge Waveform
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 13b. Gate Charge Test Circuit
5.0 V
0
100
200
300
400
500
25
50
75
100
125
150
175
J
A
Starting T , Junction Temperature (°C)
I
TOP
10A
17A
BOTTOM 25A
V
= 25V
D
DD


Similar Part No. - IRLZ44NSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
345Kb / 11P
   Advnaced Process Technology
IRLZ44NSPBF IRF-IRLZ44NSPBF_15 Datasheet
345Kb / 11P
   Advnaced Process Technology
More results

Similar Description - IRLZ44NSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com