Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8051 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8051
Description  QPSK receiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8051 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8051 Datasheet HTML 4Page - NXP Semiconductors TDA8051 Datasheet HTML 5Page - NXP Semiconductors TDA8051 Datasheet HTML 6Page - NXP Semiconductors TDA8051 Datasheet HTML 7Page - NXP Semiconductors TDA8051 Datasheet HTML 8Page - NXP Semiconductors TDA8051 Datasheet HTML 9Page - NXP Semiconductors TDA8051 Datasheet HTML 10Page - NXP Semiconductors TDA8051 Datasheet HTML 11Page - NXP Semiconductors TDA8051 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1999 Aug 20
8
Philips Semiconductors
Product specification
QPSK receiver
TDA8051
∆ΦI-Q
phase error between I and Q
channels
fLO = 88 to 140 MHz;
fRF = 44.25 to 70.25 MHz;
fBF = 250 kHz at 22 dBmV
over specified input range
−±3
deg
∆G
I-Q
gain error between I and Q
channels
fLO = 88 to 140 MHz;
fRF = 44.25 to 70.25 MHz;
fBF = 250 kHz at 22 dBmV
over specified input range
−±1
dB
IM3
3rd-order intermodulation in
I and Q channels
see Fig.3
−−
−45
dBc
IM2
2nd-order intermodulation in
I and Q channels
see Fig.3
−−
−40
dBc
AMREJ
AM rejection at I and Q
channels
guaranteed by design;
see Fig.4
−−
−38
dBc
∆V
o(I/Q)
output flatness at I and Q
outputs
in 1 MHz bandwidth
0.25
dB
f = 40 to 70 MHz
3
dB
f = 70 to 130 MHz
3
dB
Vo(DC)
DC output level
2.5
V
Ro
output resistance
400
−Ω
Output section: Rs = 400 Ω/Ri =4kΩ/R on pin I_OUT2 or Q_OUT2 = 20 kΩ unless otherwise specified
VI(DC)
DC input voltage
3.6
V
Vi
input level
22
dBmV
Ri
input resistance
17.5
k
Ci
input capacitance
0.4
pF
GO
gain from
I-Q_IN1 to I-Q_OUT2
fBF = 1 MHz at 22 dBmV
3.8
dB
∆V
o(I-Q_out2)
output flatness on
pins I_OUT2 and Q_OUT2
fBF = 0 to 1.5 MHz
0.25
dB
fBF = 0 to 6 MHz at 22 dBmV
input
1
dB
Vo(flt)
DC output level at filter output
2.6
V
Ro
output resistance
f < 20 MHz
250
−Ω
H2
2nd harmonic
fBF = 1 MHz at 48 dBmV
output
−−40 −35
dBc
H3
3rd harmonic
fBF = 1 MHz at 48 dBmV
output
−−45 −40
dBc
IM3
3rd-order intermodulation at
pins I_OUT and Q_OUT
see Fig.5
−−50 −45
dBc
αCT(I-Q)
crosstalk between I and Q
channels
f = 5 MHz; see Fig.6
−−40 −30
dBc
No
output noise power at
500 kHz from carrier
see Fig.7
−−56 −
dBmv/Hz
GI-Q
gain from
I-Q_IN1 to I-Q_OUT
fBF = 1 MHz at 22 dBmV
input
27
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA8051

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8050 PHILIPS-TDA8050 Datasheet
127Kb / 24P
   TDA8046H
1999 Dec 14
TDA8050A PHILIPS-TDA8050A Datasheet
125Kb / 28P
   QPSK transmitter
1999 Nov 05
TDA8050T PHILIPS-TDA8050T Datasheet
127Kb / 24P
   TDA8046H
1999 Dec 14
More results

Similar Description - TDA8051

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
RX-PMQPSK-40 AVAGO-RX-PMQPSK-40 Datasheet
183Kb / 1P
   40 Gb/s PM-QPSK Integrated Coherent Receiver
RX-PMQPSK-100 AVAGO-RX-PMQPSK-100 Datasheet
164Kb / 1P
   100 Gb/s PM-QPSK Integrated Coherent Receiver
logo
STMicroelectronics
STV0288 STMICROELECTRONICS-STV0288 Datasheet
196Kb / 3P
   DVB-S and DIRECTV QPSK receiver with autoscan feature
logo
NXP Semiconductors
TDA8050A PHILIPS-TDA8050A Datasheet
125Kb / 28P
   QPSK transmitter
1999 Nov 05
logo
BOWEI Integrated Circui...
QHP-01 BOWEI-QHP-01 Datasheet
142Kb / 1P
   QPSK Modulator
logo
Motorola, Inc
MC145750 MOTOROLA-MC145750 Datasheet
299Kb / 12P
   QPSK Encoder
logo
Mini-Circuits
ZMQ-1050 MINI-ZMQ-1050 Datasheet
206Kb / 1P
   QPSK Modulator
QMC-1050 MINI-QMC-1050 Datasheet
186Kb / 1P
   QPSK Modulator
REV. OR
logo
Renesas Technology Corp
HSP50306 RENESAS-HSP50306 Datasheet
434Kb / 8P
   Digital QPSK Demodulator
Jul 2004
logo
Intersil Corporation
HSP50307 INTERSIL-HSP50307 Datasheet
48Kb / 8P
   Burst QPSK Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com