Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J308 Datasheet(PDF) 4 Page - ON Semiconductor

Part # J308
Description  JFET VHF/UHF Amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

J308 Datasheet(HTML) 4 Page - ON Semiconductor

  J308_06 Datasheet HTML 1Page - ON Semiconductor J308_06 Datasheet HTML 2Page - ON Semiconductor J308_06 Datasheet HTML 3Page - ON Semiconductor J308_06 Datasheet HTML 4Page - ON Semiconductor J308_06 Datasheet HTML 5Page - ON Semiconductor J308_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
J308
http://onsemi.com
4
30
24
18
12
6.0
0
1000
100
200
300
500
700
f, FREQUENCY (MHz)
3.0
2.4
1.8
1.2
0.6
|S21|, |S11|
0.45
0.39
0.33
0.27
0.21
0.15
0.85
0.79
0.73
0.67
0.61
0.55
|S12|, |S22|
0.060
0.048
0.036
0.024
0.012
1.00
0.98
0.96
0.94
0.92
0.90
1000
100
200
300
500
700
f, FREQUENCY (MHz)
Figure 6. Common−Gate Y Parameter
Magnitude versus Frequency
Figure 7. Common−Gate S Parameter
Magnitude versus Frequency
f, FREQUENCY (MHz)
ID, DRAIN CURRENT (mA)
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
4.0
6.0
8.0
10
12
14
16
18
20
22
24
24
21
18
15
12
9.0
6.0
3.0
0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
50
100
200 300
500 700 1000
26
22
18
14
10
6.0
2.0
VDS = 10 V
ID = 10 mA
TA = 25°C
Y11
Y21
Y22
Y12
S22
S21
S11
S12
Gpg
NF
VDS = 10 V
ID = 10 mA
TA = 25°C
VDD = 20 V
f = 450 MHz
BW
≈ 10 MHz
CIRCUIT IN FIGURE 1
VDS = 10 V
ID = 10 mA
TA = 25°C
CIRCUIT IN FIGURE 1
Gpg
NF
f, FREQUENCY (MHz)
θ21, θ11
50
°
40
°
30
°
20
°
10
°
0
°
180
°
170
°
160
°
150
°
140
°
130
°
θ12, θ22
−2 0
°
−40
°
−80
°
−120
°
−160
°
−200
°
−20
°
−60
°
−100
°
−140
°
−180
°
87
°
86
°
85
°
84
°
83
°
82
°
1000
100
200
300
500
700
Figure 8. Common−Gate Y Parameter
Phase−Angle versus Frequency
f, FREQUENCY (MHz)
θ11, θ12
120
°
100
°
80
°
60
°
40
°
20
°
−20
°
−40
°
−60
°
−80
°
−100
°
−120
°
θ21, θ22
0
−40
°
−80
°
−20
°
−60
°
−100
°
1000
100
200
300
500
700
Figure 9. S Parameter Phase−Angle
versus Frequency
θ22
θ21
θ12
θ11
VDS = 10 V
ID = 10 mA
TA = 25°C
θ11
θ21
θ22
θ21
θ11
θ12
VDS = 10 V
ID = 10 mA
TA = 25°C
Figure 10. Noise Figure and
Power Gain versus Drain Current
Figure 11. Noise Figure and Power Gain
versus Frequency


Similar Part No. - J308_06

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
J308 CALOGIC-J308_15 Datasheet
33Kb / 2P
   N-Channel JFET High Frequency Amplifier
logo
Micross Components
J308_T0-92 MICROSS-J308_T0-92 Datasheet
293Kb / 1P
   N-CHANNEL JFET
More results

Similar Description - J308_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5484 ONSEMI-2N5484 Datasheet
278Kb / 8P
   JFET VHF/UHF Amplifiers
1997
2N5486 ONSEMI-2N5486 Datasheet
174Kb / 8P
   JFET VHF/UHF Amplifiers
May, 2001 ??Rev. 0
J308 ONSEMI-J308 Datasheet
160Kb / 8P
   JFET VHF/UHF Amplifiers
1997
J309 ONSEMI-J309_12 Datasheet
72Kb / 5P
   JFET VHF/UHF Amplifiers N.Channel . Depletion
March, 2006 ??Rev. 1
BF245A ONSEMI-BF245A Datasheet
172Kb / 8P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
June, 2001 ??Rev. 0
J309 ONSEMI-J309 Datasheet
66Kb / 5P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
March, 2006 ??Rev. 1
logo
New Jersey Semi-Conduct...
2N5487 NJSEMI-2N5487 Datasheet
76Kb / 2P
   JFET VHF/UHF Amplifiers N-Channel ??Depletion
logo
ON Semiconductor
2N5486 ONSEMI-2N5486_06 Datasheet
146Kb / 6P
   JFET VHF/UHF Amplifiers N?묬hannel - Depletion
October, 2006 ??Rev. 2
2N3819G ONSEMI-2N3819G Datasheet
175Kb / 8P
   JFET VHF/UHF Amplifier
March, 2002 ??Rev. 0
logo
New Jersey Semi-Conduct...
2N4416A NJSEMI-2N4416A Datasheet
190Kb / 2P
   JFET VHF/UHF AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com