Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F2G08UXA Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K9F2G08UXA
Description  FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F2G08UXA Datasheet(HTML) 4 Page - Samsung semiconductor

  K9F2G08UXA Datasheet HTML 1Page - Samsung semiconductor K9F2G08UXA Datasheet HTML 2Page - Samsung semiconductor K9F2G08UXA Datasheet HTML 3Page - Samsung semiconductor K9F2G08UXA Datasheet HTML 4Page - Samsung semiconductor K9F2G08UXA Datasheet HTML 5Page - Samsung semiconductor K9F2G08UXA Datasheet HTML 6Page - Samsung semiconductor K9F2G08UXA Datasheet HTML 7Page - Samsung semiconductor K9F2G08UXA Datasheet HTML 8Page - Samsung semiconductor K9F2G08UXA Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
FLASH MEMORY
4
K9F2G08U0A
K9F2G08R0A
PIN CONFIGURATION (TSOP1)
K9F2G08U0A-PCB0/PIB0
PACKAGE DIMENSIONS
48-PIN LEAD/LEAD FREE PLASTIC THIN SMALL OUT-LINE PACKAGE TYPE(I)
48 - TSOP1 - 1220F
Unit :mm/Inch
0.787±0.008
20.00±0.20
#1
#24
#48
#25
0.039±0.002
1.00±0.05
0.002
0.05
MIN
0.047
1.20
MAX
0.45~0.75
0.018~0.030
0.724±0.004
18.40±0.10
0~8
°
0.50
0.020
()
48-pin TSOP1
Standard Type
12mm x 20mm
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
N.C
N.C
N.C
N.C
N.C
N.C
R/B
RE
CE
N.C
N.C
Vcc
Vss
N.C
N.C
CLE
ALE
WE
WP
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
I/O7
I/O6
I/O5
I/O4
N.C
N.C
N.C
Vcc
Vss
N.C
N.C
N.C
I/O3
I/O2
I/O1
I/O0
N.C
N.C
N.C
N.C


Similar Part No. - K9F2G08UXA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
K9F2G08U STMICROELECTRONICS-K9F2G08U Datasheet
614Kb / 32P
   USB 2.0 high-speed Flash drive controller
logo
Samsung semiconductor
K9F2G08U0B SAMSUNG-K9F2G08U0B Datasheet
826Kb / 41P
   256M x 8 Bit NAND Flash Memory
K9F2G08U0B-P SAMSUNG-K9F2G08U0B-P Datasheet
826Kb / 41P
   256M x 8 Bit NAND Flash Memory
K9F2G08U0C SAMSUNG-K9F2G08U0C Datasheet
707Kb / 39P
   2Gb C-die NAND Flash
K9F2G08U0C-H SAMSUNG-K9F2G08U0C-H Datasheet
707Kb / 39P
   2Gb C-die NAND Flash
More results

Similar Description - K9F2G08UXA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com