Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24FC32 Datasheet(PDF) 2 Page - Microchip Technology

Part # 24FC32
Description  32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC32 Datasheet(HTML) 2 Page - Microchip Technology

  24FC32_04 Datasheet HTML 1Page - Microchip Technology 24FC32_04 Datasheet HTML 2Page - Microchip Technology 24FC32_04 Datasheet HTML 3Page - Microchip Technology 24FC32_04 Datasheet HTML 4Page - Microchip Technology 24FC32_04 Datasheet HTML 5Page - Microchip Technology 24FC32_04 Datasheet HTML 6Page - Microchip Technology 24FC32_04 Datasheet HTML 7Page - Microchip Technology 24FC32_04 Datasheet HTML 8Page - Microchip Technology 24FC32_04 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
24FC32
DS21126E-page 2
 2004 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
VCC .............................................................................................................................................................................7.0V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.6V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied ................................................................................................-65°C to +125°C
ESD protection on all pins
......................................................................................................................................................≥ 4 kV
TABLE 1:
DC CHARACTERISTICS
FIGURE 1-1:
BUS TIMING START/STOP
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at those or any other conditions
above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
DC CHARACTERISTICS
VCC = +4.5V to +5.5V
Commercial (C):
TA = 0°C to +70°C
Industrial (I):
TA = -40°C to +85°C
Parameter
Symbol
Min
Max
Units
Conditions
A0, A1, A2, SCL and SDA pins:
High-level input voltage
VIH
0.7 Vcc
V
Low-level input voltage
VIL
0.3 Vcc
V
Hysteresis of SCL and SDA
VHYS
0.05 Vcc
V
(Note)
Low-level output voltage of SDA
VOL
—0.40
V
IOL = 3.0 mA
Input leakage current
ILI
—±1
µA
Vin = 0.1V to Vcc
Output leakage current
ILO
—±1
µAVOUT = 0.1V to VCC
Pin capacitance
(all inputs/outputs)
CINT
—10
pF
VCC = 5.0V (Note)
TA = 25°C, FCLK = 1 MHz
Operating current
Icc Write
ICC Read
3
150
mA
µA
VCC = 5.5V, SCL = 1 MHz
VCC = 5.5V, SCL = 1 MHz
Standby current
ICCS
—5
(1 typical)
µAVCC = 5.5V,
SCL = SDA = VCC
A0, A1, A2 = VSS
Note:
This parameter is periodically sampled and not 100% tested.
TSU:STA
THD:STA
VHYS
TSU:STO
START
STOP
SCL
SDA


Similar Part No. - 24FC32_04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24FC32-IP MICROCHIP-24FC32-IP Datasheet
99Kb / 12P
   32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
1996
24FC32-ISM MICROCHIP-24FC32-ISM Datasheet
99Kb / 12P
   32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
1996
24FC32-P MICROCHIP-24FC32-P Datasheet
99Kb / 12P
   32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
1996
24FC32-SM MICROCHIP-24FC32-SM Datasheet
99Kb / 12P
   32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
1996
More results

Similar Description - 24FC32_04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24FC32 MICROCHIP-24FC32 Datasheet
99Kb / 12P
   32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
1996
24FC65 MICROCHIP-24FC65 Datasheet
140Kb / 16P
   64K 5.0V 1 MHz I 2 C Smart Serial EEPROM
1996
24C32A MICROCHIP-24C32A Datasheet
79Kb / 12P
   32K 5.0V I 2 C O Serial EEPROM
1996
24C65 MICROCHIP-24C65 Datasheet
120Kb / 24P
   64K 5.0V I 2 C Smart Serial EEPROM
01/02/08
24C32 MICROCHIP-24C32_04 Datasheet
137Kb / 14P
   32K 5.0V I2C Smart Serial EEPROM
2004
24C32 MICROCHIP-24C32 Datasheet
94Kb / 12P
   32K 5.0V I2C Smart Serial EEPROM
1996
24AA32 MICROCHIP-24AA32 Datasheet
98Kb / 12P
   32K 1.8V I 2 C O Smart Serial EEPROM
1996
24C04A MICROCHIP-24C04A Datasheet
107Kb / 12P
   4K 5.0V I 2 C ??Serial EEPROM
1998-1999
24C01C MICROCHIP-24C01C Datasheet
326Kb / 12P
   1K 5.0V I 2 C ??Serial EEPROM
1997
24C02C MICROCHIP-24C02C Datasheet
162Kb / 12P
   2K 5.0V I 2 C ??Serial EEPROM
1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com