Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8315 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8315
Description  Integrated NTSC decoder and sync processor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8315 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8315 Datasheet HTML 5Page - NXP Semiconductors TDA8315 Datasheet HTML 6Page - NXP Semiconductors TDA8315 Datasheet HTML 7Page - NXP Semiconductors TDA8315 Datasheet HTML 8Page - NXP Semiconductors TDA8315 Datasheet HTML 9Page - NXP Semiconductors TDA8315 Datasheet HTML 10Page - NXP Semiconductors TDA8315 Datasheet HTML 11Page - NXP Semiconductors TDA8315 Datasheet HTML 12Page - NXP Semiconductors TDA8315 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
September 1994
9
Philips Semiconductors
Preliminary specification
Integrated NTSC decoder
and sync processor
TDA8315T
HORIZONTAL PLL; NOTE 12 (FILTER CONNECTED TO PIN 4)
fHR
holding range PLL
−±0.9
±1.2
kHz
fCR
catching range PLL
note 2
±0.6
±0.9
kHz
S/N
signal-to-noise ratio of the video input
signal at which the time constant is
switched
20
dB
HYS
hysteresis at the switching point
3
dB
HORIZONTAL OUTPUT (PIN 2)
VOH
HIGH level output voltage
IO = 2 mA
2.4
4.0
V
VOL
LOW level output voltage
IO =2mA
0.3
0.6
V
IO(sink)
output sink current
−−
2mA
IO(source)
output source current
−−
2mA
tW
pulse width
note 13
5.4
−µs
td
delay time between positive edge of the
horizontal output pulse and start of the
horizontal sync pulse at the input
0
−µs
BACK PORCH CLAMPING OUTPUT (PIN 10)
VOH
HIGH level output voltage
IO = 2 mA
2.4
4.0
V
VOL
LOW level output voltage
IO =2mA
0.3
0.6
V
IO(sink)
output sink current
−−
2mA
IO(source)
output source current
−−
2mA
tW
pulse width
3.2
3.4
3.6
µs
td
delay time between start of clamping pulse
and start of the start sync pulse
5.2
5.4
5.6
µs
VERTICAL OUTPUT (PIN 7); NOTE 14
ffr
free-running frequency
60
Hz
flock
locking range
54.6
64.5
Hz
divider value not locked
525
locking range (lines/frame)
488
576
VOH
HIGH level output voltage
IO = 2 mA
2.4
4.0
V
VOL
LOW level output voltage
IO =2mA
0.3
0.6
V
IO(sink)
output sink current
−−
2mA
IO(source)
output source current
−−
2mA
tW
pulse width (6 line periods)
380
−µs
td
delay time between start of the vertical sync
pulse at the input and the positive edge of
the output pulse
37.5
−µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA8315

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8310 PHILIPS-TDA8310 Datasheet
92Kb / 24P
   PAL/NTSC colour processor for PIP applications
February 1995
TDA8310A PHILIPS-TDA8310A Datasheet
129Kb / 24P
   PAL/NTSC colour processor for PIP applications
1996 Jan 25
More results

Similar Description - TDA8315

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
TDA9160 PHILIPS-TDA9160 Datasheet
220Kb / 27P
   PAL/NTSC/SECAM decoder/sync processor
December 1991
logo
STMicroelectronics
TDA8219 STMICROELECTRONICS-TDA8219 Datasheet
100Kb / 9P
   PAL/NTSC DECODER AND VIDEO PROCESSOR
April 1996
logo
NXP Semiconductors
TDA9143 PHILIPS-TDA9143 Datasheet
275Kb / 40P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
1996 Jan 17
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
NTE Electronics
NTE1890 NTE-NTE1890 Datasheet
43Kb / 6P
   Integrated Circuit NTSC Decoder for TV
logo
NXP Semiconductors
TDA3570 PHILIPS-TDA3570 Datasheet
209Kb / 6P
   NTSC DECODER
October 1979
TDA3563 PHILIPS-TDA3563 Datasheet
495Kb / 10P
   NTSC DECODER
December 1982
TDA9144 PHILIPS-TDA9144 Datasheet
309Kb / 44P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor with PALplus helper demodulator
1996 Jan 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com