Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8351 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8351
Description  DC-coupled vertical deflection circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8351 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8351 Datasheet HTML 1Page - NXP Semiconductors TDA8351 Datasheet HTML 2Page - NXP Semiconductors TDA8351 Datasheet HTML 3Page - NXP Semiconductors TDA8351 Datasheet HTML 4Page - NXP Semiconductors TDA8351 Datasheet HTML 5Page - NXP Semiconductors TDA8351 Datasheet HTML 6Page - NXP Semiconductors TDA8351 Datasheet HTML 7Page - NXP Semiconductors TDA8351 Datasheet HTML 8Page - NXP Semiconductors TDA8351 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1999 Sep 27
5
Philips Semiconductors
Product specification
DC-coupled vertical deflection circuit
TDA8351
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. A flyback supply voltage of
>50 V up to 60 V is allowed in application. A 220 nF capacitor in series with a 22 Ω resistor
(depending on IO and the inductance of the coil) has to be connected between pin 7 and ground. The decoupling
capacitor of VFB has to be connected between pin 6 and pin 3. This supply voltage line must have a resistance of
33
Ω (see application circuit Fig.6).
2. IO maximum determined by current protection.
3. Up to VP =18V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
DC supply
VP
supply voltage
non-operating
40
V
25
V
VFB
flyback supply voltage
50
V
note 1
60
V
Vertical circuit
IO(p-p)
output current (peak-to-peak value)
note 2
3A
VO(A)
output voltage (pin 7)
52
V
note 1
62
V
Flyback switch
IM
peak output current
−±1.5
A
Thermal data (in accordance with IEC 747-1)
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−25
+75
°C
Tvj
virtual junction temperature
150
°C
Rth vj-c
resistance vj-case
4
K/W
Rth vj-a
resistance vj-ambient in free air
40
K/W
tsc
short-circuiting time
note 3
1hr


Similar Part No. - TDA8351

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8351A PHILIPS-TDA8351A Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
TDA8351AQ PHILIPS-TDA8351AQ Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
More results

Similar Description - TDA8351

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILA8351 INTEGRAL-ILA8351 Datasheet
279Kb / 6P
   DC-COUPLED VERTICAL DEFLECTION CIRCUIT
logo
KODENSHI_AUK CORP.
KKA8356 KODENSHI-KKA8356 Datasheet
189Kb / 5P
   DC-coupled vertical deflection circuit
KKA8351 KODENSHI-KKA8351 Datasheet
127Kb / 6P
   DC-COUPLED VERTICAL DEFLECTION CIRCUIT
logo
NXP Semiconductors
TDA8356 PHILIPS-TDA8356 Datasheet
72Kb / 12P
   DC-coupled vertical deflection circuit
1999 Sep 27
TDA8351AQ PHILIPS-TDA8351AQ Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
logo
NTE Electronics
NTE7156 NTE-NTE7156 Datasheet
36Kb / 4P
   Integrated Circuit DC-Coupled Vertical Deflection Circuit
NTE7131 NTE-NTE7131 Datasheet
29Kb / 4P
   Integrated Circuit DC-Coupled Vertical Deflection Circuit
logo
NXP Semiconductors
TDA8350Q PHILIPS-TDA8350Q Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
logo
NTE Electronics
NTE7162 NTE-NTE7162 Datasheet
47Kb / 4P
   Integrated Circuit DC−Coupled Vertical Deflection and East−West Output Circuit
logo
STMicroelectronics
TDA1770A STMICROELECTRONICS-TDA1770A Datasheet
592Kb / 13P
   VERTICAL DEFLECTION CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com