Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1029 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1029
Description  Linear Building Block - Dual Low Power Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1029 Datasheet(HTML) 2 Page - Microchip Technology

  TC1029 Datasheet HTML 1Page - Microchip Technology TC1029 Datasheet HTML 2Page - Microchip Technology TC1029 Datasheet HTML 3Page - Microchip Technology TC1029 Datasheet HTML 4Page - Microchip Technology TC1029 Datasheet HTML 5Page - Microchip Technology TC1029 Datasheet HTML 6Page - Microchip Technology TC1029 Datasheet HTML 7Page - Microchip Technology TC1029 Datasheet HTML 8Page - Microchip Technology TC1029 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC1029
DS21340B-page 2
© 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ......................................................6.0V
Voltage on Any Pin .......... (VSS – 0.5V) to (VDD +0.5V)
Junction Temperature....................................... +150°C
Operating Temperature Range............. -40°C to +85°C
Storage Temperature Range .............. -55°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC1029 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Typical values apply at 25°C and VDD =3.0V; TA = -40° to +85°C, and VDD = 1.8V to 5.5V, unless
otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VDD
Supply Voltage
1.8
5.5
V
IQ
Supply Current, Operating
12
16
µA
All Outputs Open
AVOL
Large Signal Voltage Gain
100
V/mV
RL = 10kΩ,VDD =5V
VICMR
Common Mode Input Voltage
Range
VSS -0.2
VDD +0.2
V
VOS
Input Offset Voltage
±100
±0.3
±500
±1.5
µV
mV
VDD =3V, VCM =1.5V, TA =25°C,
TA = -40°C to 85°C
IB
Input Bias Current
-100
50
100
pA
TA =25°C; VCM =VDD to VSS
VOS(DRIFT) Input Offset Voltage Drift
±4
µV/°C
VDD =3V; VCM =1.5V
GBWP
Gain Bandwidth Product
90
kHz
VDD = 1.8V to 5.5V;
VO =VDD to VSS
SR
Slew Rate
35
mV/
µsec CL = 100pF;
RL = 1M to GND,
Gain = 1
VIN =VSS to VDD
VOUT
Output Signal Swing
VSS +0.05
VDD –0.05
V
RL = 10kΩ
CMRR
Common Mode Rejection Ratio
70
dB
TA =25°C; VDD =5V;
VCM =VDD to VSS
PSRR
Power Supply Rejection Ratio
80
dB
TA =25°C; VCM =VSS;
VDD =1.8V to 5V
ISRC
Output Source Current
3
mA
VIN =VDD
Output Shorted to VSS
VDD =1.8V; Gain =1
ISINK
Output Sink Current
4
mA
VIN =VSS,
Output Shorted to VDD
VDD =1.8V; Gain =1
En
Input Noise Voltage
10
µVpp
0.1Hz to 10Hz
en
Input Noise Voltage Density
125
nV
/√HZ
1kHz


Similar Part No. - TC1029

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1029 TELCOM-TC1029 Datasheet
25Kb / 1P
   LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
TC1029COA TELCOM-TC1029COA Datasheet
25Kb / 1P
   LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
TC1029CPA TELCOM-TC1029CPA Datasheet
25Kb / 1P
   LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
TC1029CUA TELCOM-TC1029CUA Datasheet
25Kb / 1P
   LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
TC1029EOA TELCOM-TC1029EOA Datasheet
25Kb / 1P
   LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
More results

Similar Description - TC1029

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1029 TELCOM-TC1029 Datasheet
25Kb / 1P
   LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
TC1030 TELCOM-TC1030 Datasheet
27Kb / 1P
   LINEAR BUILDING BLOCK - QUAD LOW POWER OP AMP
logo
Microchip Technology
TC1030 MICROCHIP-TC1030 Datasheet
469Kb / 14P
   Linear Building Block . Quad Low Power Op Amp with Shutdown Modes
2002
logo
TelCom Semiconductor, I...
TC1026 TELCOM-TC1026 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
logo
Microchip Technology
TC1026 MICROCHIP-TC1026 Datasheet
517Kb / 18P
   Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
logo
TelCom Semiconductor, I...
TC1025 TELCOM-TC1025 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - DUAL LOW POWER COMPARATOR
logo
Microchip Technology
TC1043 MICROCHIP-TC1043 Datasheet
508Kb / 20P
   Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
2002
TC1025 MICROCHIP-TC1025 Datasheet
285Kb / 16P
   Linear Building Block - Dual Low Power Comparator
2005
logo
TelCom Semiconductor, I...
TC43 TELCOM-TC43 Datasheet
75Kb / 6P
   LINEAR BUILDING BLOCK - VOLTAGE REFERENCE, DUAL OP AMP, DUAL COMPARATOR WITH SHUTDOWN MODE
logo
AUK corp
S358P AUK-S358P Datasheet
217Kb / 3P
   Low Power Dual OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com