Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD284XY Datasheet(PDF) 3 Page - Jianghai Europe GmbH

Part # CD284XY
Description  EC Radial 105째C 2.000 - 10.000h Lifetime Lowest ESR at High Ripple Currents(Radial)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGHAI [Jianghai Europe GmbH]
Direct Link  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD284XY Datasheet(HTML) 3 Page - Jianghai Europe GmbH

  CD284XY Datasheet HTML 1Page - Jianghai Europe GmbH CD284XY Datasheet HTML 2Page - Jianghai Europe GmbH CD284XY Datasheet HTML 3Page - Jianghai Europe GmbH CD284XY Datasheet HTML 4Page - Jianghai Europe GmbH CD284XY Datasheet HTML 5Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
6
V
DC
(Surge
Voltage)
Code
Rated
Capa-
citance
Max ESR
20°C,
120Hz
Max Imp
20°C,
100kHz
Max Imp
-10°C,
100kHz
Max
Ripple
Current
105°C,
100kHz
Size
Ø D x L
(V)
(µF)
(Ω)
(Ω)
(Ω)
(mArms)
(mm)
63
(79)
1J
15
7,96
0,880
3,50
165
5 x 11,5
33
3,62
0,350
1,40
265
6,3 x 11,5
56
2,14
0,220
0,880
500
8 x 11,5
82
1,46
0,160
0,640
665
8 x 16
1,46
0,150
0,600
685
10 x 12,5
120
0,995
0,120
0,480
820
8 x 20
0,995
0,110
0,440
945
10 x 16
180
0,664
0,080
0,320
1 100
10 x 20
0,664
0,082
0,270
1 135
12,5 x 16
220
0,543
0,073
0,290
1 300
10 x 25
270
0,443
0,060
0,200
1 495
12,5 x 20
330
0,362
0,043
0,140
1 850
12,5 x 25
470
0,254
0,039
0,130
2 250
12,5 x 30
0,254
0,045
0,140
1 990
16 x 20
560
0,214
0,033
0,110
2 450
12,5 x 35
0,214
0,032
0,096
2 550
16 x 25
680
0,176
0,029
0,096
2 780
12,5 x 40
0,176
0,038
0,100
2 450
18 x 20
820
0,146
0,026
0,078
2 810
16 x 31,5
0,146
0,031
0,084
2 780
18 x 25
1 000
0,120
0,021
0,063
2 835
16 x 35,5
0,120
0,025
0,068
3 270
18 x 31,5
1 200
0,100
0,019
0,057
3 340
16 x 40
0,100
0,020
0,054
3 310
18 x 35,5
1 500
0,080
0,018
0,049
3 420
18 x 40
100
(125)
2A
6,8
15,61
1,400
5,60
125
5 x 11,5
15
7,08
0,570
2,30
205
6,3 x 11,5
27
3,93
0,360
1,40
355
8 x 11,5
39
2,73
0,250
1,00
450
8 x 16
47
2,26
0,240
0,960
450
10 x 12,5
56
1,90
0,190
0,760
565
8 x 20
68
1,57
0,180
0,720
580
10 x 16
82
1,30
0,130
0,520
750
10 x 20
1,30
0,130
0,430
735
12,5 x 16
100
1,07
0,120
0,480
880
10 x 25
120
0,885
0,094
0,310
1 045
12,5 x 20
180
0,590
0,071
0,230
1 195
12,5 x 25
220
0,483
0,063
0,210
1 410
12,5 x 30
0,483
0,071
0,210
1 295
16 x 20
270
0,393
0,052
0,170
1 560
12,5 x 35
0,393
0,053
0,160
1 600
16 x 25
0,393
0,069
0,190
1 470
18 x 20
330
0,322
0,046
0,150
1 700
12,5 x 40
390
0,273
0,041
0,120
1 750
16 x 31,5
0,273
0,049
0,130
1 620
18 x 25
470
0,226
0,033
0,100
1 890
16 x 35,5
0,226
0,039
0,110
1 775
18 x 31,5
560
0,190
0,030
0,090
2 080
16 x 40
0,190
0,031
0,084
2 060
18 x 35,5
680
0,157
0,028
0,076
2 570
18 x 40
CD
28 XY Series
Ratings for CD 284 XY Series
Custom products are available on request.
C = actual capacitance of each temperature at 100Hz
Co = Capacitance at 20°C, 100Hz, Capacitance Ratio as a function of temperature
(typical curve)
- 40
- 25
25
65
85
105
25V 1 000µF
T (°C)
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
Z = actual Impedance of each frequency at 20°C
Zo = Impedance at 100kHz, 20°C, Impedance Ratio as a function of frequency
100
1 000
10 000
100 000
f (Hz)
100
10
1.0
0.1
25V 2 200µF
100V 33µF
Capacitance Ratio
Impedance Ratio
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2


Similar Part No. - CD284XY

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD2810 CDI-DIODE-CD2810 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS FOR GENERAL PURPOSE APPLICATION
logo
Jianghai Europe GmbH
CD281LL JIANGHAI-CD281LL Datasheet
1,010Kb / 5P
   EC Radial 105째C Long Lifetime 3.000 - 12.000h Low ESR(Radial)
CD281LLH JIANGHAI-CD281LLH Datasheet
610Kb / 8P
   6 000 - 12 000h at 105째C
logo
List of Unclassifed Man...
CD2822 ETC2-CD2822 Datasheet
242Kb / 7P
   1W x 2 Dual Audio Power Amp
2006-11-A
CD2822ACB ETC2-CD2822ACB Datasheet
242Kb / 7P
   1W x 2 Dual Audio Power Amp
2006-11-A
More results

Similar Description - CD284XY

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD287GC JIANGHAI-CD287GC Datasheet
1,010Kb / 5P
   EC Radial 105째C 4.000 - 10.000h Lifetime Low ESR at High Ripple Currents(Radial)
CD28LQL JIANGHAI-CD28LQL Datasheet
979Kb / 5P
   EC Radial 105째C 4.000 - 10.000h Lifetime Low ESR Miniaturized(Radial)
CD263BK JIANGHAI-CD263BK Datasheet
982Kb / 5P
   EC Radial Standard 105째C 2.000 - 3.000h Lifetime(Radial)
CD261XQX JIANGHAI-CD261XQX Datasheet
907Kb / 4P
   EC 105째C Long Lifetime 7.000 - 12.000h Highest Ripple Currents Miniaturized(Radial)
CD281LL JIANGHAI-CD281LL Datasheet
1,010Kb / 5P
   EC Radial 105째C Long Lifetime 3.000 - 12.000h Low ESR(Radial)
CDVZVZ JIANGHAI-CDVZVZ Datasheet
779Kb / 3P
   EC SMD 105째C 2.000-3.000h Lifetime Low Impedance ESR(SMD)
CD296KC JIANGHAI-CD296KC Datasheet
894Kb / 5P
   EC Snap-In 105째C Long Lifetime 5.000h High Ripple Currents(Snap-In)
CD261LK JIANGHAI-CD261LK Datasheet
942Kb / 4P
   EC 105째C Long Lifetime 10.000 - 12.000h High Reliability at High Voltage(Radial)
CD297BB JIANGHAI-CD297BB Datasheet
919Kb / 5P
   EC Snap-In 105째C Extended Lifetime 7.000h High Ripple Currents(Snap-In)
CDVHVH JIANGHAI-CDVHVH Datasheet
601Kb / 3P
   EC SMD Standard 105째C 2.000-3.000h Lifetime(SMD)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com