Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C940 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE??
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM79C940_00 Datasheet HTML 1Page - Advanced Micro Devices AM79C940_00 Datasheet HTML 2Page - Advanced Micro Devices AM79C940_00 Datasheet HTML 3Page - Advanced Micro Devices AM79C940_00 Datasheet HTML 4Page - Advanced Micro Devices AM79C940_00 Datasheet HTML 5Page - Advanced Micro Devices AM79C940_00 Datasheet HTML 6Page - Advanced Micro Devices AM79C940_00 Datasheet HTML 7Page - Advanced Micro Devices AM79C940_00 Datasheet HTML 8Page - Advanced Micro Devices AM79C940_00 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 144 page
background image
2
Am79C940
The MACE device provides a complete Ethernet node
solution with an integrated 10BASE-T transceiver, and
supports up to 25-MHz system clocks. The MACE
device embodies the Media Access Control (MAC)
and Physical Signaling (PLS) sub-layers of the IEEE
802.3 standard, and provides an IEEE defined Attach-
ment Unit Interface (AUI) for coupling to an external
Medium Attachment Unit (MAU). The MACE device is
compliant with 10BASE2, 10BASE5, 10BASE-T, and
10BASE-F transceivers.
Additional features also enhance over-all system
design. The individual transmit and receive FIFOs
optimize system overhead, providing substantial
latency during packet transmission and reception, and
minimizing intervention during normal network error
recovery. The integrated Manchester encoder/decoder
eliminates the need for an external Serial Interface
Adapter (SIA) in the node system. If support for an
external encoding/decoding scheme is desired, the
General Purpose Serial Interface (GPSI) allows direct
access to/from the MAC. In addition, the Digital Attach-
ment Interface (DAI), which is a simplified electrical
attachment specification, allows implementation of
MAUs that do not require DC isolation between the
MAU and DTE. The DAI port can also be used to
indicate transmit, receive, or collision status by
connecting LEDs to the port. The MACE device also
provides an External Address Detection Interface
(EADI) to allow external hardware address filtering in
internet working applications.
The Am79C940 MACE chip is offered in a Plastic
Leadless Chip Carrier (84-pin PLCC), a Plastic Quad
Flat Package (100-pin PQFP), and a Thin Quad Flat
Package (TQFP 80-pin). There are several small func-
tional and physical differences between the 80-pin
TQFP and the 84-pin PLCC and 100-pin PQFP config-
urations. Because of the smaller number of pins in the
TQFP configuration versus the PLCC configuration,
four pins are not bonded out. Though the die is identical
in all three package configurations, the removal of
these four pins does cause some functionality differ-
ences between the TQFP and the PLCC and PQFP
configurations. Depending on the application, the
removal of these pins will or will not have an effect.
(See section: “Pins Removed for TQFP Package and
Their Effects.)
With the rise of embedded networking applications op-
erating in harsh environments where temperatures
may exceed the normal commercial temperature (0
°C
to +70
°C) window, an industrial temperature (-40°C to
+85
°C) version is available in all three packages; 84-
pin PLCC, 100-pin PQFP and 80-pin TQFP. The indus-
trial temperature version of the MACE Ethernet control-
ler is characterized across the industrial temperature
range (-40
°C to +85°C) within the published power
supply specification (4.75 V to 5.25 V; i.e.,
±5% V
CC).
Thus, conformance of MACE performance over this
temperature range is guaranteed by the design and
characterization monitor.


Similar Part No. - AM79C940_00

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
Am79C940B-16JC ROCHESTER-Am79C940B-16JC Datasheet
630Kb / 13P
   Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
Am79C940B-25JC ROCHESTER-Am79C940B-25JC Datasheet
630Kb / 13P
   Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
Am79C940BJC ROCHESTER-Am79C940BJC Datasheet
630Kb / 13P
   Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
Am79C940BJI ROCHESTER-Am79C940BJI Datasheet
630Kb / 13P
   Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
Am79C940BKC ROCHESTER-Am79C940BKC Datasheet
630Kb / 13P
   Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
More results

Similar Description - AM79C940_00

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C940 AMD-AM79C940 Datasheet
914Kb / 122P
   Media Access Controller for Ethernet (MACE)
logo
Rochester Electronics
79C940 ROCHESTER-79C940 Datasheet
630Kb / 13P
   Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
logo
List of Unclassifed Man...
NPC1140-BB1C ETC2-NPC1140-BB1C Datasheet
99Kb / 1P
   Quad Gigabit Ethernet Media Access Controller
logo
Digital Core Design
DMAC DCD-DMAC Datasheet
136Kb / 4P
   Media Access Controller
logo
Texas Instruments
DP83816 TI1-DP83816 Datasheet
1Mb / 112P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller
logo
National Semiconductor ...
DP83261 NSC-DP83261 Datasheet
1Mb / 132P
   BMAC Device (FDDI Media Access Controller)
logo
Silan Microelectronics ...
SC92031 SILAN-SC92031 Datasheet
476Kb / 38P
   10/100 MBPS INTEGRATED PCI ETHERNET MEDIA ACCESS CONTROLLER AND PHYSICAL LAYER
logo
ATMEL Corporation
AT76C502A ATMEL-AT76C502A Datasheet
376Kb / 3P
   11-megabit WLAN Media Access Controller MAC
logo
Infineon Technologies A...
PMB8789 INFINEON-PMB8789 Datasheet
151Kb / 2P
   Dual-Band Media Access Controller (MAC) for WLAN System Solutions
2003
logo
ATMEL Corporation
AT76C504A ATMEL-AT76C504A Datasheet
41Kb / 3P
   802.11b Baseband and Media Access Controller (MAC) for PCMCIA Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com