Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A49LF040ATX-33F Datasheet(PDF) 4 Page - AMIC Technology

Part # A49LF040ATX-33F
Description  4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A49LF040ATX-33F Datasheet(HTML) 4 Page - AMIC Technology

  A49LF040ATX-33F Datasheet HTML 1Page - AMIC Technology A49LF040ATX-33F Datasheet HTML 2Page - AMIC Technology A49LF040ATX-33F Datasheet HTML 3Page - AMIC Technology A49LF040ATX-33F Datasheet HTML 4Page - AMIC Technology A49LF040ATX-33F Datasheet HTML 5Page - AMIC Technology A49LF040ATX-33F Datasheet HTML 6Page - AMIC Technology A49LF040ATX-33F Datasheet HTML 7Page - AMIC Technology A49LF040ATX-33F Datasheet HTML 8Page - AMIC Technology A49LF040ATX-33F Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
A49LF040A
PRELIMINARY (March, 2006, Version 0.1)
3
AMIC Technology, Corp.
Block Diagram
High Voltage
Generator
Data Latch
FWH/LPC
Mode
Interface
LAD[3:0]
LCLK
LFRAME
ID[3:0]
GPI[4:0]
A/A Mux
Mode
Interface
A[10:0]
I/O7 ~ I/O0
WE
OE
R/C
Mode
RST
X-decoder
Y-Decoder
Cell Matrix
Y-Gating
Control Logic
Input/Output
Buffers
INIT
TBL
WP
R/B


Similar Part No. - A49LF040ATX-33F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A49LF040 AMICC-A49LF040 Datasheet
570Kb / 31P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040TL-33 AMICC-A49LF040TL-33 Datasheet
570Kb / 31P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040TL-33F AMICC-A49LF040TL-33F Datasheet
570Kb / 31P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040TX-33 AMICC-A49LF040TX-33 Datasheet
570Kb / 31P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040TX-33F AMICC-A49LF040TX-33F Datasheet
570Kb / 31P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
More results

Similar Description - A49LF040ATX-33F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A49LF040 AMICC-A49LF040 Datasheet
570Kb / 31P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
A49FL004 AMICC-A49FL004 Datasheet
713Kb / 36P
   4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory
logo
STMicroelectronics
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
March 2002
logo
PMC-Sierra, Inc
PM39F040 PMC-PM39F040 Datasheet
200Kb / 23P
   1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
logo
STMicroelectronics
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
September 2002
logo
ATMEL Corporation
AT49LL080 ATMEL-AT49LL080 Datasheet
224Kb / 31P
   8-megabit Low-pin Count Flash Memory
logo
Elite Semiconductor Mem...
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com