Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8753 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8753
Description  Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8753 Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8753 Datasheet HTML 1Page - Analog Microelectronics AME8753 Datasheet HTML 2Page - Analog Microelectronics AME8753 Datasheet HTML 3Page - Analog Microelectronics AME8753 Datasheet HTML 4Page - Analog Microelectronics AME8753 Datasheet HTML 5Page - Analog Microelectronics AME8753 Datasheet HTML 6Page - Analog Microelectronics AME8753 Datasheet HTML 7Page - Analog Microelectronics AME8753 Datasheet HTML 8Page - Analog Microelectronics AME8753 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AME, Inc.
1
AME8753
Low Dropout
500mA / 500mA Dual CMOS LDO Regulator
Rev.A.02
l Very Low Dropout Voltage
l Guaranteed 500mA / 500mA Each Output
l Accurate to within 2% for both outputs
l Typical 70
µA Quiescent Current
l Over-Temperature Shutdown
l Current Limiting
l Short Circuit Current Fold-back
l All AME’s Lead Free Products Meet RoHS
Standards
The AME8753 dual, low dropout, linear regulators op-
erate from V
OUT+VDROPOUT to 5.5V input and deliver up to
500mA / 500mA output current each. Low dropout volt-
age and low quiescent current(70
µAtyp.)make them ideal
for battery applications.
The AME8753 is available with a wide variety of voltage
options as standard and can be trimmed to 2% accuracy.
For protection purpose, AME8753 has both thermal shut-
down and current fold-back to prevent device failure under
the "Worst" operating conditions.
l Cellular Phones
l Palm / Notebook
l Battery Power Equipment
l Handheld Instruments
n General Description
n Features
n Applications
n Functional Block Diagram
n Typical Applications
Fixed Version
V
OUT1
Error
Amp1
Current
Limit
R11
R12
V
IN
GND
V
OUT2
Voltage
Reference
Error
Amp2
Current
Limit
R21
R22
AME8753A
V
OUT1
V
IN
1
µF
GND
OUT1
OUT2
IN
1
µF
1
µF
V
OUT2


Similar Part No. - AME8753

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
AME8750AEEY1828Y AKM-AME8750AEEY1828Y Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
AME8750AEEY1828Z AKM-AME8750AEEY1828Z Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
AME8750BEEY1825Y AKM-AME8750BEEY1825Y Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
AME8750BEEY1825Z AKM-AME8750BEEY1825Z Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
More results

Similar Description - AME8753

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Will Semiconductor Ltd.
WL2803E WILLSEMI-WL2803E Datasheet
879Kb / 10P
   Ultra low dropout, 500mA, CMOS LDO
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
ON Semiconductor
NCP605 ONSEMI-NCP605_13 Datasheet
137Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator
January, 2013 ??Rev. 2
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013 Datasheet
116Kb / 3P
   500mA CMOS Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS5105 ADMOS-AMS5105 Datasheet
360Kb / 8P
   500mA CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com