Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM4550KC-TRL Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APM4550KC-TRL
Description  Dual Enhancement Mode MOSFET (N- and P-Channel)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4550KC-TRL Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APM4550KC-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APM4550KC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APM4550KC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APM4550KC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APM4550KC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APM4550KC-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APM4550KC-TRL Datasheet HTML 11Page - Anpec Electronics Coropration APM4550KC-TRL Datasheet HTML 12Page - Anpec Electronics Coropration APM4550KC-TRL Datasheet HTML 13Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - May, 2007
www.anpec.com.tw
10
APM4550K
Package Information
SOP-8
S
Y
M
B
O
L
MIN.
MAX.
1.75
0.10
0.17
0.25
0.25
A
A1
c
D
E
E1
e
h
L
MILLIMETERS
b
0.31
0.51
3.90 BSC
SOP-8
0.25
0.50
0.40
1.27
0.154 BSC
MIN.
MAX.
INCHES
0.069
0.004
0.012
0.020
0.007
0.010
0.010
0.020
0.016
0.050
0
0.010
4.90 BSC
0.193 BSC
6.00 BSC
0.236 BSC
1.00 BSC
0.050 BSC
A2
1.25
0.049
0
°
8 °
0
°
8 °
L
VIEW A
SEATING PLANE
GAUGE PLANE
D
e
SEE VIEW A
c
b
°


Similar Part No. - APM4550KC-TRL

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
APM4550KC-TRL VBSEMI-APM4550KC-TRL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - APM4550KC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4542K ANPEC-APM4542K Datasheet
153Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4548K ANPEC-APM4548K Datasheet
250Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542 ANPEC-APM4542 Datasheet
270Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9928 ANPEC-APM9928 Datasheet
292Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4532 ANPEC-APM4532 Datasheet
205Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Sinopower Semiconductor...
SM8403CSQ SINOPWER-SM8403CSQ Datasheet
279Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM3040CSU4 SINOPWER-SM3040CSU4 Datasheet
218Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM7309CSKP SINOPWER-SM7309CSKP Datasheet
326Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM1A40CSQ SINOPWER-SM1A40CSQ Datasheet
275Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Supertex, Inc
TC2320 SUTEX-TC2320_07 Datasheet
485Kb / 4P
   N- and P-Channel Enhancement-Mode Dual MOSFET
logo
Sinopower Semiconductor...
SM1A40CSK SINOPWER-SM1A40CSK Datasheet
219Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com