Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL061IN Datasheet(PDF) 6 Page - STMicroelectronics

Part # TL061IN
Description  LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL061IN Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TL061IN Datasheet HTML 2Page - STMicroelectronics TL061IN Datasheet HTML 3Page - STMicroelectronics TL061IN Datasheet HTML 4Page - STMicroelectronics TL061IN Datasheet HTML 5Page - STMicroelectronics TL061IN Datasheet HTML 6Page - STMicroelectronics TL061IN Datasheet HTML 7Page - STMicroelectronics TL061IN Datasheet HTML 8Page - STMicroelectronics TL061IN Datasheet HTML 9Page - STMicroelectronics TL061IN Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
TL061-TL061A-TL061B
6/14
SR
Slew rate
Vi = 10V, RL = 10kΩ, CL = 100pF, Av = 1
1.5
3.5
1.5
3.5
V/
μs
tr
Rise time
Vi = 20mV, RL = 10kΩ, CL = 100pF, Av = 1
0.2
0.2
μs
Kov
Overshoot factor (see Figure 16)
Vi = 20mV, RL = 10kΩ, CL = 100pF, Av = 1
10
10
%
en
Equivalent input noise voltage
RS = 100Ω, f = 1KHz
42
42
1.
The input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature
sensitive.Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature as
possible
Table 4.
VCC = ±15V, Tamb = +25°C (unless otherwise specified) (continued)
Symbol
Parameter
TL061AC, AI, AM
TL061BC, BI, BM
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
nV
Hz
------------


Similar Part No. - TL061IN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL061IN STMICROELECTRONICS-TL061IN Datasheet
105Kb / 9P
   LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
More results

Similar Description - TL061IN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL061 STMICROELECTRONICS-TL061 Datasheet
105Kb / 9P
   LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
TL062 UTC-TL062_09 Datasheet
314Kb / 8P
   LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
UTCTL062 UTC-UTCTL062 Datasheet
300Kb / 8P
   LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
logo
Guangdong Youtai Semico...
TL062 UMW-TL062 Datasheet
1Mb / 9P
   Low power J-FET input operational amplifier
logo
Unisonic Technologies
TL062 UTC-TL062_05 Datasheet
130Kb / 8P
   LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
TL062 UTC-TL062_15 Datasheet
314Kb / 8P
   LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
logo
NEC
UPC4061 NEC-UPC4061 Datasheet
301Kb / 10P
   J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER
UPC4062 NEC-UPC4062 Datasheet
295Kb / 10P
   DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER?
logo
Renesas Technology Corp
PC4064 RENESAS-PC4064_15 Datasheet
262Kb / 11P
   J-FET INPUT LOW-POWER QUAD OPERATIONAL AMPLIFIER
logo
NEC
UPC4064 NEC-UPC4064 Datasheet
288Kb / 10P
   DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com