Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8446 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8446
Description  Fast RGB/YC switch for digital decoding
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8446 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8446 Datasheet HTML 1Page - NXP Semiconductors TDA8446 Datasheet HTML 2Page - NXP Semiconductors TDA8446 Datasheet HTML 3Page - NXP Semiconductors TDA8446 Datasheet HTML 4Page - NXP Semiconductors TDA8446 Datasheet HTML 5Page - NXP Semiconductors TDA8446 Datasheet HTML 6Page - NXP Semiconductors TDA8446 Datasheet HTML 7Page - NXP Semiconductors TDA8446 Datasheet HTML 8Page - NXP Semiconductors TDA8446 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1995 Feb 16
4
Philips Semiconductors
Product specification
Fast RGB/YC switch for digital decoding
TDA8446
PINNING
SYMBOL
PIN
DESCRIPTION
DIP20
SO28
SOUT
1
1
synchronization signal output; this output provides the synchronization information
extracted from the incoming signal at pin 2 (SIN).
SIN
2
2
synchronization signal input; CSYNC or CVBS signal from the peri-connector
CCL
3
3
clamping capacitor connection; the clamping pulse is generated by external circuitry
connected to this pin, the generated pulse clamps the RGB inputs.
n.c.
4
not connected
CLO
4
5
clamping pulse output
n.c.
6
not connected
BIN
5
7
B-signal input
GIN
6
8
G-signal input
RIN
7
9
R-signal input
SW1
8
10
clamping control signal input; this TTL signal is used to select the clamp signal, a LOW
level at this input forces the circuit to output the generated clamping pulse.
n.c.
11
not connected
CLI
9
12
clamping pulse input; this TTL signal indicates the black level clamping period for the
incoming Y signal (active-HIGH).
CIN
10
13
chrominance signal input
COUT
11
14
chrominance signal output
YIN
12
15
luminance signal input; this input also accepts the CVBS signal
FS
13
16
fast switching signal input; this signal is used to control fast switching of the luminance
signals, a HIGH level at this input forces the circuit to output the internal Y signal.
n.c.
17
not connected
n.c.
18
not connected
SW2
14
19
gain control signal input; this TTL signal is used to set the gain of the chrominance
amplifiers (A), a LOW level at this input forces the gain A to 6 dB (HIGH forces to 0 dB).
n.c.
20
not connected
−(R-Y)
15
21
−(R−Y) signal output
YOUT
16
22
luminance signal output
−(B−Y)
17
23
−(B−Y) signal output
n.c.
24
not connected
n.c.
25
not connected
VCC
18
26
positive supply voltage (+12 V)
VINT
19
27
internal decoupling
VEE
20
28
ground


Similar Part No. - TDA8446

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA844 PHILIPS-TDA844 Datasheet
116Kb / 16P
   Octuple 6-bit DACs with I2C-bus
1999 Apr 29
TDA8440 PHILIPS-TDA8440 Datasheet
74Kb / 12P
   Switch for CTV receivers
November 1985
TDA8440C3 PHILIPS-TDA8440C3 Datasheet
74Kb / 12P
   Switch for CTV receivers
November 1985
TDA8442 PHILIPS-TDA8442 Datasheet
85Kb / 10P
   I2C-bus interface for colour decoders
March 1991
TDA8443A PHILIPS-TDA8443A Datasheet
124Kb / 20P
   I2C-bus controlled YUV/RGB switch
1995 Mar 07
More results

Similar Description - TDA8446

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7341 PHILIPS-SAA7341 Datasheet
1,002Kb / 28P
   COMS Digital decoding IC for Compact Disc
November 1991
TDA8601 PHILIPS-TDA8601 Datasheet
237Kb / 20P
   RGB/YUV and fast blanking switch
1996 Jun 27
SAA7345 PHILIPS-SAA7345 Datasheet
92Kb / 40P
   CMOS digital decoding IC with RAM for Compact Disc
1998 Feb 16
logo
Panasonic Semiconductor
AN5860 PANASONIC-AN5860 Datasheet
87Kb / 3P
   Analog Switch ICs for RGB Interface
AN5862K PANASONIC-AN5862K Datasheet
146Kb / 3P
   ANALOG SWITCH ICS FOR RGB INTERFACE
logo
Broadcom Corporation.
APDS-9253-001 BOARDCOM-APDS-9253-001 Datasheet
794Kb / 28P
   Digital RGB Sensor
March 12, 2019
logo
Panasonic Semiconductor
MN82860 PANASONIC-MN82860 Datasheet
192Kb / 4P
   Digital RGB Processor LSI
logo
Toshiba Semiconductor
TC9090AN TOSHIBA-TC9090AN Datasheet
787Kb / 23P
   Multicolor system Version 3-Line digital YC Separation ic
logo
STMicroelectronics
AN431 STMICROELECTRONICS-AN431 Datasheet
495Kb / 15P
   Using ST6 analog inputs for multiple key decoding
logo
NXP Semiconductors
TDA8758 PHILIPS-TDA8758 Datasheet
196Kb / 24P
   YC 8-bit low-power analog-to-digital video interface
1996 Feb 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com