Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZP92 Datasheet(PDF) 2 Page - Arizona Microtek, Inc

Part # AZP92
Description  ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP92 Datasheet(HTML) 2 Page - Arizona Microtek, Inc

  AZP92 Datasheet HTML 1Page - Arizona Microtek, Inc AZP92 Datasheet HTML 2Page - Arizona Microtek, Inc AZP92 Datasheet HTML 3Page - Arizona Microtek, Inc AZP92 Datasheet HTML 4Page - Arizona Microtek, Inc AZP92 Datasheet HTML 5Page - Arizona Microtek, Inc AZP92 Datasheet HTML 6Page - Arizona Microtek, Inc AZP92 Datasheet HTML 7Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AZP92
April 2007 REV - 3
www.azmicrotek.com
2
TIMING DIAGRAM
SIGNAL DESCRIPTION
PIN/PAD
FUNCTION
D/D
¯
Data Inputs
Q/Q
¯
Data Outputs
VBB
Reference Voltage Output
BIAS
Input Bias Return
EN
Enable/Reset Input
EN-SEL
Enable Logic Select
DIV-SEL
Divide Ratio Select
VEE
Negative Supply
VCC
Positive Supply
ENABLE TRUTH TABLE
EN-SEL
EN
Q
Q
¯
NC
NC
CMOS Low or VEE
CMOS High, VCC or NC
Low
Data
High
Data
VEE
VEE
CMOS Low, VEE or NC
CMOS High or VCC
Low
Data
High
Data
20k
Ω to V
EE
20k
Ω to V
EE
PECL Low, VEE or NC
PECL High or VCC
Data
Low
Data
High
Q
D
(EN-SEL CONNECTED TO
VEE VIA 20k
RESISTOR)
(EN-SEL OPEN OR
CONNECTED TO VEE)
EN
(PECL)
(CMOS)
(DIV-SEL
CONNECTED
TO VEE)
(DIV-SEL
OPEN)
EN
Q
DIVIDE TRUTH TABLE
DIV-SEL
DIVIDE
RATIO
NC
÷1
VEE
1
÷2
1 DIV-SEL connection must
be
≤1Ω.


Similar Part No. - AZP92

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZP92 ETC1-AZP92 Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92 AZM-AZP92 Datasheet
171Kb / 9P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
List of Unclassifed Man...
AZP92NAG ETC1-AZP92NAG Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92NAG AZM-AZP92NAG Datasheet
171Kb / 9P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92NAG AZM-AZP92NAG Datasheet
489Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
More results

Similar Description - AZP92

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP92 AZM-AZP92_12 Datasheet
489Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
List of Unclassifed Man...
AZP92 ETC1-AZP92 Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92_1308 AZM-AZP92_1308 Datasheet
467Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92 AZM-AZP92_09 Datasheet
171Kb / 9P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP94 AZM-AZP94_09 Datasheet
202Kb / 10P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94 AZM-AZP94 Datasheet
141Kb / 8P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94_1205 AZM-AZP94_1205 Datasheet
545Kb / 9P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37 Datasheet
72Kb / 3P
   1:4 첨1/첨2 ECL/PECL Clock Fanout Buffer
1997 REV 0
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com