Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZV99NA Datasheet(PDF) 3 Page - Arizona Microtek, Inc

Part # AZV99NA
Description  PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZV99NA Datasheet(HTML) 3 Page - Arizona Microtek, Inc

  AZV99NA Datasheet HTML 1Page - Arizona Microtek, Inc AZV99NA Datasheet HTML 2Page - Arizona Microtek, Inc AZV99NA Datasheet HTML 3Page - Arizona Microtek, Inc AZV99NA Datasheet HTML 4Page - Arizona Microtek, Inc AZV99NA Datasheet HTML 5Page - Arizona Microtek, Inc AZV99NA Datasheet HTML 6Page - Arizona Microtek, Inc AZV99NA Datasheet HTML 7Page - Arizona Microtek, Inc AZV99NA Datasheet HTML 8Page - Arizona Microtek, Inc AZV99NA Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AZV99
April 2007 * REV - 9
www.azmicrotek.com
3
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol
Characteristic
Rating
Unit
VCC
Power Supply
0 to +6.0
Vdc
VI
Input Voltage
0 to +6.0
Vdc
VD/D¯
D/D
¯ Input Voltage
±0.75 with respect to VBB
Vdc
IOUT
Output Current
— Continuous
Q/Q
¯
— Surge
Q/Q
¯
— Continuous QHG/Q
¯ HG
— Surge
QHG/Q
¯ HG
25
50
5
10
mA
TA
Operating Temperature Range
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
100K LVPECL DC Characteristics (VEE = GND, VCC = +3.3V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Min
Max
Unit
VOH
Output HIGH Voltage1,2
Q/Q
¯
2255
2465
2275
2465
2275
2465
2275
2465
mV
VOL
Output LOW Voltage1,2
Q/Q
¯
1375
1745
1400
1680
1400
1680
1400
1680
mV
VIH
Input HIGH Voltage
D/D
¯ 1, EN (EN-SEL open)1
EN (EN-SEL tied to VEE)
2135
2000
2560
VCC
2135
2000
2560
VCC
2135
2000
2560
VCC
2135
2000
2560
VCC
mV
VIL
Input LOW Voltage
D/D
¯ 1, EN (EN-SEL open)1
EN (EN-SEL tied to VEE)
1400
GND
1825
800
1400
GND
1825
800
1400
GND
1825
800
1400
GND
1825
800
mV
VBB
Reference Voltage1
1910
2050
1910
2050
1910
2050
1910
2050
mV
IIL
Input LOW Current EN3
0.5
0.5
0.5
0.5
μA
IIH
Input HIGH Current EN3
150
150
150
150
μA
IEE
Power Supply Current2
48
48
48
52
mA
1.
Voltage levels vary 1:1 with VCC.
2.
Specified with CS-SEL open.
3.
Specified with EN-SEL open.
100K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Min
Max
Unit
VOH
Output HIGH Voltage1,2
Q/Q
¯
3955
4165
3975
4165
3975
4165
3975
4165
mV
VOL
Output LOW Voltage1,2
Q/Q
¯
3075
3445
3100
3380
3100
3380
3100
3380
mV
VIH
Input HIGH Voltage
D/D
¯ 1, EN (EN-SEL open)1
EN (EN-SEL tied to VEE)
3835
2000
4260
VCC
3835
2000
4260
VCC
3835
2000
4260
VCC
3835
2000
4260
VCC
mV
VIL
Input LOW Voltage
D/D
¯ 1, EN (EN-SEL open)1
EN (EN-SEL tied to VEE)
3100
GND
3525
800
3100
GND
3525
800
3100
GND
3525
800
3100
GND
3525
800
mV
VBB
Reference Voltage1
3610
3750
3610
3750
3610
3750
3610
3750
mV
IIL
Input LOW Current EN3
0.5
0.5
0.5
0.5
μA
IIH
Input HIGH Current EN3
150
150
150
150
μA
IEE
Power Supply Current2
48
48
48
52
mA
1.
Voltage levels vary 1:1 with VCC.
2.
Specified with CS-SEL open.
3.
Specified with EN-SEL open.


Similar Part No. - AZV99NA

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZV99NA AZM-AZV99NA Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
More results

Similar Description - AZV99NA

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_12 Datasheet
745Kb / 14P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com