Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZM10EL07 Datasheet(PDF) 5 Page - Arizona Microtek, Inc

Part # AZM10EL07
Description  ECL/PECL 2-Input XOR/XNOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZM10EL07 Datasheet(HTML) 5 Page - Arizona Microtek, Inc

  AZM10EL07 Datasheet HTML 1Page - Arizona Microtek, Inc AZM10EL07 Datasheet HTML 2Page - Arizona Microtek, Inc AZM10EL07 Datasheet HTML 3Page - Arizona Microtek, Inc AZM10EL07 Datasheet HTML 4Page - Arizona Microtek, Inc AZM10EL07 Datasheet HTML 5Page - Arizona Microtek, Inc AZM10EL07 Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AZ10EL07
AZ100EL07
November 2006 * REV - 3
www.azmicrotek.com
5
PACKAGE DIAGRAM
TSSOP 8
MILLIMETERS
DIM
MIN
MAX
A
1.10
A1
0.05
0.15
A2
0.80
0.95
A3
0.25
bp
0.25
0.45
c
0.15
0.28
D
2.90
3.10
E
2.90
3.10
e
0.65
HE
4.70
5.10
L
0.94
Lp
0.40
0.70
v
0.10
w
0.10
y
0.10
Z
0.35
0.70
θ
0
O
6
O
NOTES:
1.
DIMENSIONS D AND E DO NOT
INCLUDE MOLD PROTRUSION.
2.
MAXIMUM MOLD PROTRUSION
FOR D IS 0.15mm.
3.
MAXIMUM MOLD PROTRUSION
FOR E IS 0.25mm.


Similar Part No. - AZM10EL07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZM10EL11 ETC-AZM10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
More results

Similar Description - AZM10EL07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
MC10EL07 ONSEMI-MC10EL07_06 Datasheet
145Kb / 9P
   5.0 V ECL 2-Input XOR/XNOR
December, 2006 ??Rev. 6
MC10E107 ONSEMI-MC10E107_06 Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC10EP08DTG ONSEMI-MC10EP08DTG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07 Datasheet
71Kb / 2P
   2-Input XOR/XNOR
1996 REV 2
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07_06 Datasheet
49Kb / 4P
   2-INPUT XOR/XNOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com