Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8542T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8542T
Description  2 x 1 W BTL audio amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8542T Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8542T Datasheet HTML 1Page - NXP Semiconductors TDA8542T Datasheet HTML 2Page - NXP Semiconductors TDA8542T Datasheet HTML 3Page - NXP Semiconductors TDA8542T Datasheet HTML 4Page - NXP Semiconductors TDA8542T Datasheet HTML 5Page - NXP Semiconductors TDA8542T Datasheet HTML 6Page - NXP Semiconductors TDA8542T Datasheet HTML 7Page - NXP Semiconductors TDA8542T Datasheet HTML 8Page - NXP Semiconductors TDA8542T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1998 Apr 01
5
Philips Semiconductors
Product specification
2
× 1 W BTL audio amplifier
TDA8542
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611-E”. The number of the quality specification can be found in the “Quality Reference
Handbook”. The handbook can be ordered using the code 9397 750 00192.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
operating
−0.3
+18
V
VI
input voltage
−0.3
VCC + 0.3
V
IORM
repetitive peak output current
1A
Tstg
storage temperature
non-operating
−55
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Vpsc
AC and DC short-circuit safe voltage
10
V
Ptot
total power dissipation
SO16L
1.2
W
DIP16
2.2
W
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air:
TDA8542T (SO16L)
100
K/W
TDA8542 (DIP16)
55
K/W


Similar Part No. - TDA8542T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
More results

Similar Description - TDA8542T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
   2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
SA58637 NXP-SA58637 Datasheet
155Kb / 22P
   2 X 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
TDA8547 PHILIPS-TDA8547 Datasheet
240Kb / 24P
   2 x 1 W BTL audio amplifier with output channel switching
1997 Oct 07
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com