Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1278-5ENBTR Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1278-5ENBTR
Description  3-Pin Reset Monitors for 5V Systems
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1278-5ENBTR Datasheet(HTML) 2 Page - Microchip Technology

  TC1278-5ENBTR Datasheet HTML 1Page - Microchip Technology TC1278-5ENBTR Datasheet HTML 2Page - Microchip Technology TC1278-5ENBTR Datasheet HTML 3Page - Microchip Technology TC1278-5ENBTR Datasheet HTML 4Page - Microchip Technology TC1278-5ENBTR Datasheet HTML 5Page - Microchip Technology TC1278-5ENBTR Datasheet HTML 6Page - Microchip Technology TC1278-5ENBTR Datasheet HTML 7Page - Microchip Technology TC1278-5ENBTR Datasheet HTML 8Page - Microchip Technology TC1278-5ENBTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC1278/TC1279
DS21384D-page 2
© 2007 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VCC to GND)..............................+6.0V
RESET, RESET...........................-0.3V to (VCC + 0.3V)
Input Current, VCC ..............................................20 mA
Output Current, RESET......................................20 mA
Power Dissipation (TA ≤ 70°C)
3-Pin SOT-23 (derate 4mW/°C above +70°C)
................................................................230 mW
Operating Temperature Range.............-40°C to +85°C
Storage Temperature Range ..............-65°C to +150°C
† Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, TA = -40°C to +85°C. Typical values are at TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Voltage
VCC
1.2
5.5
V
Note 1
Low Level @ RESET (TC1278)
RESET (TC1279)
VOL
——
0.4
V
Note 1
Output Current @ 0.4 Volts
IOL
+8
mA
Note 2
Operating Current:
TC1278
ICC1
—0.9
2.0
mA
VCC > VCCTP(MAX), RESET = 1, (Note 3)
TC1279
40
µA
VCC > VCCTP(MAX), RESET = 1, Note 4
Operating Current:
TC1278
ICC2
40
µA
VCC < VCCTP(MIN), RESET = 0, (Note 4)
TC1279
—0.9
2.0
mA
VCC < VCCTP(MIN), RESET = 0, (Note 3)
VCC Trip Point (TC1278/9-5)
VCCTP-5
4.50
4.625
4.74
V
Note 1
VCC Trip Point (TC1278/9-10)
VCCTP-10 4.25
4.375
4.49
V
Note 1
VCC Trip Point (TC1278/9-15)
VCCTP-15 4.00
4.125
4.24
V
Note 1
Output Capacitance
COUT
—9
pF
Internal Pull-Up Resistor
RP
36
9
k
Ω
Note 1: All voltages referenced to ground.
2: A 1 k
Ω external resistor may be required in some applications for proper operation of the microprocessor
reset control circuit when using the TC1279. VCC = 1.8V.
3: Operating current is specified with the open-drain output in the active (“ON”) condition.
4: Operating current is specified with the open-drain output in the non-active (“OFF”) condition.


Similar Part No. - TC1278-5ENBTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1278-5ENB MICROCHIP-TC1278-5ENB Datasheet
424Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2002
More results

Similar Description - TC1278-5ENBTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1278 MICROCHIP-TC1278 Datasheet
424Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2002
TC1274 MICROCHIP-TC1274 Datasheet
224Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2003
TC1275 MICROCHIP-TC1275_07 Datasheet
514Kb / 12P
   3-Pin Reset Monitors for 3.3V Systems
2007
TC1275 MICROCHIP-TC1275 Datasheet
457Kb / 12P
   3-Pin Reset Monitors for 3.3V Systems
05/01/02
TCM809 MICROCHIP-TCM809 Datasheet
141Kb / 14P
   3-Pin Microcontroller Reset Monitors
2004
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
   3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
   3 PIN MICROPROCESSOR RESET MONITORS
logo
Microchip Technology
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
   3-Pin Microcontroller Reset Monitors
11/29/12
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
   3-PIN MICROPROCESSOR RESET MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com