Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC54VX21 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC54VX21
Description  Voltage Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC54VX21 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC54VX21 Datasheet HTML 2Page - Microchip Technology TC54VX21 Datasheet HTML 3Page - Microchip Technology TC54VX21 Datasheet HTML 4Page - Microchip Technology TC54VX21 Datasheet HTML 5Page - Microchip Technology TC54VX21 Datasheet HTML 6Page - Microchip Technology TC54VX21 Datasheet HTML 7Page - Microchip Technology TC54VX21 Datasheet HTML 8Page - Microchip Technology TC54VX21 Datasheet HTML 9Page - Microchip Technology TC54VX21 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TC54
DS21434G-page 6
 2004 Microchip Technology Inc.
4.0
APPLICATIONS INFORMATION
4.1
Modifying The Trip Point, VDET
Although the TC54 has a pre-programmed VDET –, it is
sometimes necessary to make adjustments during pro-
totyping. This can be accomplished by connecting an
external resistor divider to a TC54, which has a VDET
lower than that of VSOURCE (Figure 4-1).
To maintain detector accuracy, the bleeder current
through the divider should be significantly higher than
the 1 µA operating current required by the TC54. A
reasonable value for this bleeder current is 100 µA (100
times the 1 µA required by the TC54). For example, if
VDET – = 2V and the desired trip point is 2.5V, the value
of R1 + R2 is 25 kΩ (2.5V/100 µA). The value of R1 + R2
can be rounded to the nearest standard value and
plugged into the equation of Figure 4-1 to calculate
values for R1 and R2. 1% tolerance resistors are
recommended.
FIGURE 4-1:
Modify trip-point of the TC54
using external resistor divider.
4.2
Other Applications
Low operating power and small physical size make the
TC54 series ideal for many voltage detector applica-
tions, such as those shown in Figures 4-2, 4-3 and 4-4.
Figure 4-2 shows a low-voltage gate drive protection
circuit that prevents overheating of the logic-level
MOSFET due to insufficient gate voltage. When the
input signal is below the threshold of the TC54VN, its
output grounds the gate of the MOSFET. Figure 4-3 and
Figure 4-4 show the TC54 in conventional voltage
monitoring applications.
FIGURE 4-2:
MOSFET Low Drive
Protection.
FIGURE 4-3:
Battery Voltage Monitor.
FIGURE 4-4:
Power Good Monitor.
Where:
VSOURCE = Voltage to be monitored
(VDET –) = Threshold Voltage setting of TC54
Note:
In this example, VSOURCE must be
greater than (VDET –)
V
SOURCE
R
1
R
1
R
2
+
--------------------
V
DET
-
==
TC54
VIN
VOUT
VSS
R1
VSOURCE
R2
VIN
VOUT
VSS
TC54VX
270
MTP3055EL
VCC
RL
4.3V
VIN
VOUT
VSS
BATLOW
TC54VX
+
VIN
VOUT
VSS
Power Good
TC54VX
+
Pwr
Sply


Similar Part No. - TC54VX21

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC54VC MICROCHIP-TC54VC Datasheet
257Kb / 20P
   CMOS voltage detectors that are especially well suited for battery-powered
2001-2011
TC54VC MICROCHIP-TC54VC Datasheet
172Kb / 16P
   Voltage Detector
10/05/07
TC54VC1101ECBTR MICROCHIP-TC54VC1101ECBTR Datasheet
215Kb / 12P
   Voltage Detector
2002
TC54VC1101ECTTR MICROCHIP-TC54VC1101ECTTR Datasheet
215Kb / 12P
   Voltage Detector
2002
TC54VC1101EMBTR MICROCHIP-TC54VC1101EMBTR Datasheet
215Kb / 12P
   Voltage Detector
2002
More results

Similar Description - TC54VX21

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com