Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4423VMF713 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC4423VMF713
Description  3A Dual High-Speed Power MOSFET Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4423VMF713 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC4423VMF713 Datasheet HTML 5Page - Microchip Technology TC4423VMF713 Datasheet HTML 6Page - Microchip Technology TC4423VMF713 Datasheet HTML 7Page - Microchip Technology TC4423VMF713 Datasheet HTML 8Page - Microchip Technology TC4423VMF713 Datasheet HTML 9Page - Microchip Technology TC4423VMF713 Datasheet HTML 10Page - Microchip Technology TC4423VMF713 Datasheet HTML 11Page - Microchip Technology TC4423VMF713 Datasheet HTML 12Page - Microchip Technology TC4423VMF713 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
 2004 Microchip Technology Inc.
DS21421D-page 9
TC4423/TC4424/TC4425
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE (1)
3.1
Inputs A and B
Inputs A and B are TTL/CMOS compatible inputs that
control outputs A and B, respectively. These inputs
have 300 mV of hysteresis between the high and low
input levels, allowing them to be driven from slow rising
and falling signals, and to provide noise immunity.
3.2
Outputs A and B
Outputs A and B are CMOS push-pull outputs that are
capable of sourcing and sinking 3A peaks of current
(VDD = 18V). The low output impedance ensures the
gate of the external MOSFET will stay in the intended
state even during large transients. These outputs also
have a reverse current latch-up rating of 1.5A.
3.3
Supply Input (VDD)
VDD is the bias supply input for the MOSFET driver and
has a voltage range of 4.5V to 18V. This input must be
decoupled to ground with a local ceramic capacitor.
This bypass capacitor provides a localized low-
impedance path for the peak currents that are to be
provided to the load.
3.4
Ground (GND)
Ground is the device return pin. The ground pin(s)
should have a low-impedance connection to the bias
supply source return. High peak currents will flow out
the ground pin(s) when the capacitive load is being
discharged.
3.5
Exposed Metal Pad
The exposed metal pad of the 6x5 DFN package is not
internally connected to any potential. Therefore, this
pad can be connected to a ground plane or other cop-
per plane on a printed circuit board to aid in heat
removal from the package.
8-Pin PDIP
8-Pin
DFN
16-Pin
SOIC
(Wide)
Symbol
Description
1
1
1
NC
No connection
2
2
2
IN A
Input A
3
NC
No connection
3
3
4
GND
Ground
5
GND
Ground
6
NC
No connection
4
4
7
IN B
Input B
8
NC
No connection
9
NC
No connection
5
5
10
OUT B
Output B
——
11
OUT B
Output B
66
12
VDD
Supply input
——
13
VDD
Supply input
7
7
14
OUT A
Output A
15
OUT A
Output A
8
8
16
NC
No connection
PAD
NC
Exposed Metal Pad
Note 1:
Duplicate pins must be connected for proper operation.


Similar Part No. - TC4423VMF713

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4423VMF MICROCHIP-TC4423VMF Datasheet
358Kb / 20P
   3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
More results

Similar Description - TC4423VMF713

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOE MICROCHIP-TC4424AVOE Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
logo
Unisonic Technologies
UTC4424 UTC-UTC4424 Datasheet
171Kb / 4P
   3A Dual High-Speed Power MOSFET Drivers
logo
Microchip Technology
TC4423 MICROCHIP-TC4423 Datasheet
71Kb / 9P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4423 MICROCHIP-TC4423_13 Datasheet
358Kb / 20P
   3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4424AVOA MICROCHIP-TC4424AVOA Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4423M MICROCHIP-TC4423M Datasheet
225Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com