Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC552501ECBTR Datasheet(PDF) 10 Page - Microchip Technology

Part # TC552501ECBTR
Description  1 關A Low Dropout Positive Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC552501ECBTR Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC552501ECBTR Datasheet HTML 6Page - Microchip Technology TC552501ECBTR Datasheet HTML 7Page - Microchip Technology TC552501ECBTR Datasheet HTML 8Page - Microchip Technology TC552501ECBTR Datasheet HTML 9Page - Microchip Technology TC552501ECBTR Datasheet HTML 10Page - Microchip Technology TC552501ECBTR Datasheet HTML 11Page - Microchip Technology TC552501ECBTR Datasheet HTML 12Page - Microchip Technology TC552501ECBTR Datasheet HTML 13Page - Microchip Technology TC552501ECBTR Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TC55
DS21435F-page 10
© 2005 Microchip Technology Inc.
5.0
THERMAL CONSIDERATIONS
5.1
Power Dissipation
The amount of power dissipated internal to the low
dropout linear regulator is the sum of the power dissi-
pation within the linear pass device (P-Channel MOS-
FET) and the quiescent current required to bias the
internal reference and error amplifier. The internal lin-
ear pass device power dissipation is calculated by mul-
tiplying the voltage across the linear device by the
current through the device.
EQUATION
The internal power dissipation, as a result of the bias
current for the LDO internal reference and error
amplifier, is calculated by multiplying the ground or
quiescent current by the input voltage.
EQUATION
The total internal power dissipation is the sum of PD
(Pass Device) and PD (Bias).
EQUATION
For the TC55, the internal quiescent bias current is so
low (1 µA typical) that the PD (Bias) term of the power
dissipation equation can be ignored. The maximum
power dissipation can be estimated by using the
maximum input voltage and the minimum output
voltage to obtain a maximum voltage differential
between input and output. The next step would be to
multiply the maximum voltage differential by the
maximum output current.
EQUATION
Given:
VIN
= 3.3V to 4.1V
VOUT = 3.0 V ± 2%
IOUT = 1 mA to 100 mA
TAMAX = 55°C
PMAX = (4.1V – (3.0V x 0.98)) x 100 mA
PMAX = 116.0 milliwatts
To determine the junction temperature of the device, the
thermal resistance from junction-to-ambient must be
known. The 3-pin SOT-23 thermal resistance from junc-
tion-to-air (RθJA) is estimated to be approximately
359°C/W. The SOT-89 RθJA is estimated to be approxi-
mately 110°C/W when mounted on 1 square inch of
copper. The TO-92 RθJA is estimated to be 131.9°C/W.
The RθJA will vary with physical layout, airflow and other
application-specific conditions.
The device junction temperature is determined by
calculating
the
junction
temperature
rise
above
ambient, then adding the rise to the ambient
temperature.
EQUATION
PD (Pass Device) = (VIN – VOUT) x IOUT
PD (Bias) = VIN x IGND
PTOTAL = PD (Pass Device) + PD (Bias)
PD = (VINMAX – VOUTMIN) x IOUTMAX
Junction Temperature
TJ = PDMAX x RθJA + TA
TJ = 116.0 milliwatts x 359°C/W + 55°C
TJ = 96.6°C
SOT-23 Example:
SOT-89 Example:
TJ = 116.0 milliwatts x 110°C/W + 55°C
TJ = 67.8°C
TO-92 Example:
TJ = 116.0 milliwatts x 131.9°C/W + 55°C
TJ = 70.3°C


Similar Part No. - TC552501ECBTR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55257AFL TOSHIBA-TC55257AFL Datasheet
189Kb / 8P
   TOSHIBA MOS MEMORY PRODUCTS
TC55257AFL-10 TOSHIBA-TC55257AFL-10 Datasheet
189Kb / 8P
   TOSHIBA MOS MEMORY PRODUCTS
TC55257AFL-12 TOSHIBA-TC55257AFL-12 Datasheet
189Kb / 8P
   TOSHIBA MOS MEMORY PRODUCTS
TC55257AFL-85 TOSHIBA-TC55257AFL-85 Datasheet
189Kb / 8P
   TOSHIBA MOS MEMORY PRODUCTS
TC55257APL TOSHIBA-TC55257APL Datasheet
189Kb / 8P
   TOSHIBA MOS MEMORY PRODUCTS
More results

Similar Description - TC552501ECBTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Microchip Technology
MCP1701A MICROCHIP-MCP1701A Datasheet
606Kb / 22P
   2關A Low-Dropout Positive Voltage Regulator
2007
MCP1701 MICROCHIP-MCP1701_05 Datasheet
259Kb / 20P
   2 關A Low Dropout Positive Voltage Regulator
2005
logo
Texas Instruments
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV TI1-TLV1117LV Datasheet
637Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV12 TI1-TLV1117LV12 Datasheet
698Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1171 TI-TLV1171_15 Datasheet
805Kb / 18P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com