Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7107A Datasheet(PDF) 1 Page - Microchip Technology

Part # TC7107A
Description  3-1/2 Digit Analog-to-Digital Converters
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7107A Datasheet(HTML) 1 Page - Microchip Technology

  TC7107A Datasheet HTML 1Page - Microchip Technology TC7107A Datasheet HTML 2Page - Microchip Technology TC7107A Datasheet HTML 3Page - Microchip Technology TC7107A Datasheet HTML 4Page - Microchip Technology TC7107A Datasheet HTML 5Page - Microchip Technology TC7107A Datasheet HTML 6Page - Microchip Technology TC7107A Datasheet HTML 7Page - Microchip Technology TC7107A Datasheet HTML 8Page - Microchip Technology TC7107A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© 2006 Microchip Technology Inc.
DS21455C-page 1
TC7106/A/TC7107/A
Features:
• Internal Reference with Low Temperature Drift:
- TC7106/7: 80ppm/°C Typical
- TC7106A/7A: 20ppm/°C Typical
• Drives LCD (TC7106) or LED (TC7107)
Display Directly
• Zero Reading with Zero Input
• Low Noise for Stable Display
• Auto-Zero Cycle Eliminates Need for Zero
Adjustment
• True Polarity Indication for Precision Null
Applications
• Convenient 9V Battery Operation (TC7106A)
• High-Impedance CMOS Differential Inputs: 1012
Ω
• Differential Reference Inputs Simplify Ratiometric
Measurements
• Low-Power Operation: 10mW
Applications:
• Thermometry
• Bridge Readouts: Strain Gauges, Load Cells, Null
Detectors
• Digital Meters: Voltage/Current/Ohms/Power, pH
• Digital Scales, Process Monitors
• Portable Instrumentation
Device Selection Table
General Description:
The TC7106A and TC7107A 3-1/2 digit direct display
drive Analog-to-Digital Converters allow existing 7106/
7107 based systems to be upgraded. Each device has
a precision reference with a 20ppm/°C max tempera-
ture coefficient. This represents a 4 to 7 times improve-
ment over similar 3-1/2 digit converters. Existing 7106
and 7107 based systems may be upgraded without
changing external passive component values. The
TC7107A drives common anode light emitting diode
(LED) displays directly with 8mA per segment. A low
cost, high resolution indicating meter requires only a
display,
four
resistors,
and
four
capacitors.The
TC7106A low-power drain and 9V battery operation
make it suitable for portable applications.
The TC7106A/TC7107A reduces linearity error to less
than 1 count. Rollover error – the difference in readings
for equal magnitude, but opposite polarity input signals,
is below ±1 count. High-impedance differential inputs
offer 1pA leakage current and a 1012
Ω input imped-
ance. The differential reference input allows ratiometric
measurements
for
ohms
or
bridge
transducer
measurements. The 15
μVP–P noise performance
ensures a “rock solid” reading. The auto-zero cycle
ensures a zero display reading with a zero volts input.
Package
Code
Package
Pin Layout
Temperature
Range
CPI
40-Pin PDIP
Normal
0
°C to +70°C
IPL
40-Pin PDIP
Normal
-25
°C to +85°C
IJL
40-Pin CERDIP
Normal
-25
°C to +85°C
CKW
44-Pin PQFP
Formed
Leads
0
°C to +70°C
CLW
44-Pin PLCC
0
°C to +70°C
3-1/2 Digit Analog-to-Digital Converters


Similar Part No. - TC7107A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7107A TELCOM-TC7107A Datasheet
296Kb / 19P
   3-1/2 DIGIT A/D CONVERTERS
logo
Microchip Technology
TC7107A MICROCHIP-TC7107A Datasheet
623Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7107A MICROCHIP-TC7107A Datasheet
411Kb / 34P
   3-1/2 Digit Analog-to-Digital Converters
01/02/08
logo
TelCom Semiconductor, I...
TC7107ACKW TELCOM-TC7107ACKW Datasheet
296Kb / 19P
   3-1/2 DIGIT A/D CONVERTERS
logo
Microchip Technology
TC7107ACKW MICROCHIP-TC7107ACKW Datasheet
623Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2002
More results

Similar Description - TC7107A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters
2002
logo
TelCom Semiconductor, I...
TC7126 TELCOM-TC7126 Datasheet
198Kb / 13P
   3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7126 MICROCHIP-TC7126_13 Datasheet
330Kb / 28P
   3-1/2 Digit Analog-to-Digital Converters
11/29/12
TC7107RCPL MICROCHIP-TC7107RCPL Datasheet
411Kb / 34P
   3-1/2 Digit Analog-to-Digital Converters
01/02/08
logo
TelCom Semiconductor, I...
TC7116 TELCOM-TC7116 Datasheet
218Kb / 14P
   3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
logo
Microchip Technology
TC7116 MICROCHIP-TC7116_06 Datasheet
425Kb / 24P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2006
TC7116 MICROCHIP-TC7116_13 Datasheet
322Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters with Hold
11/29/12
logo
TelCom Semiconductor, I...
TC7136 TELCOM-TC7136 Datasheet
192Kb / 12P
   LOW POWER, 3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com