Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8552TS Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8552TS
Description  2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8552TS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8552TS Datasheet HTML 7Page - NXP Semiconductors TDA8552TS Datasheet HTML 8Page - NXP Semiconductors TDA8552TS Datasheet HTML 9Page - NXP Semiconductors TDA8552TS Datasheet HTML 10Page - NXP Semiconductors TDA8552TS Datasheet HTML 11Page - NXP Semiconductors TDA8552TS Datasheet HTML 12Page - NXP Semiconductors TDA8552TS Datasheet HTML 13Page - NXP Semiconductors TDA8552TS Datasheet HTML 14Page - NXP Semiconductors TDA8552TS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
1998 Jun 02
11
Philips Semiconductors
Preliminary specification
2
× 1.4 W BTL audio amplifiers with digital
volume control and headphone sensing
TDA8552T; TDA8552TS
AC CHARACTERISTICS (VDD = 3.3 V)
Tamb =25 °C; RL =8 Ω; f = 1 kHz; total gain setting at 7 dB; VMODE = 0 V; gain select pin is at 0 V
(maximum gain = 20 dB); according to Fig.4.
Notes
1. Volume setting at maximum.
2. The noise output voltage is measured at the output in a frequency band from 20 Hz to 20 kHz (unweighted),
Rsource =0 Ω, gain select pin is LOW (0 V).
3. Supply voltage ripple rejection is measured at the output, with a source impedance of Rsource =0 Ω at the input.
The ripple voltage is a sine wave with a frequency of 1 kHz and an amplitude of 100 mV (RMS) is applied to the
positive supply rail, gain select pin is LOW (0 V).
4. Channel suppression is measured at the output with a source impedance of Rsource =0 Ω at the input and a
frequency of 1 kHz. The output level in the operating single-ended channel (OUT+) is set at 2 V (RMS).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Po
output power
THD = 10%; RL =4 Ω−
0.9
W
THD = 10%; RL =8 Ω−
0.6
W
THD = 10%; RL =16 Ω−
0.3
W
THD = 0.5%; RL =4 Ω−
0.6
W
THD = 0.5%; RL =8 Ω−
0.4
W
THD = 0.5%; RL =16 Ω−
0.2
W
THD
total harmonic distortion
Po = 0.1 W; note 1
0.1
%
Vo(n)
noise output voltage
note 2
60
−µV
SVRR
supply voltage ripple
rejection
note 3
tbf
55
dB
Vi(max)
maximum input voltage
THD = 1%;
Gv = −50 to 0 dB
−−
1.1
V
αsup
channel suppression
VHPS =VDD; note 4
80
dB
α
cs
channel separation
55
dB


Similar Part No. - TDA8552TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8552TS NXP-TDA8552TS Datasheet
765Kb / 27P
   2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
2002 Jan 04
More results

Similar Description - TDA8552TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8552T NXP-TDA8552T_02 Datasheet
765Kb / 27P
   2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
2002 Jan 04
TDA8551_T PHILIPS-TDA8551_T_15 Datasheet
166Kb / 18P
   1 W BTL audio amplifier with digital volume control
1998 Feb 23
TDA8551 PHILIPS-TDA8551 Datasheet
163Kb / 20P
   1 W BTL audio amplifier with digital volume control
1998 Feb 23
TDA7057AQ PHILIPS-TDA7057AQ Datasheet
116Kb / 16P
   2 x 8 W stereo BTL audio output amplifier with DC volume control
1998 Apr 07
logo
Texas Instruments
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com