Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HL6362MG Datasheet(PDF) 1 Page - Opnext. Inc.

Part # HL6362MG
Description  Low Operating Current Visible Laser Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.

HL6362MG Datasheet(HTML) 1 Page - Opnext. Inc.

  HL6362MG Datasheet HTML 1Page - Opnext. Inc. HL6362MG Datasheet HTML 2Page - Opnext. Inc. HL6362MG Datasheet HTML 3Page - Opnext. Inc. HL6362MG Datasheet HTML 4Page - Opnext. Inc. HL6362MG Datasheet HTML 5Page - Opnext. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.5 Apr. 14, 2006 page 1 of 5
HL6362MG/63MG
Low Operating Current Visible Laser Diode
ODE-208-011E (Z)
Rev.5
Apr. 14, 2006
Description
The HL6362MG/63MG are 0.63
µm band AlGaInP laser diodes with a multi-quantum well (MQW) structure. They are
suitable as light sources for laser display, laser scanners and optical equipment for measurement.
Features
• Visible light output
: 640 nm Typ
• Single longitudinal mode
• Optical output power : 40 mW CW
• Low operating current : 90 mA Typ
• Low operating voltage : 2.6 V Max
• Operating temperature : +50°C
• TE mode oscillation
LD
PD
1
3
Internal Circuit
• HL6362MG
Internal Circuit
• HL6363MG
Package Type
• HL6362MG/63MG: MG
LD
PD
1
3
2
2
Absolute Maximum Ratings
(TC = 25°C)
Item
Symbol
Ratings
Unit
Optical output power
PO
45
mW
LD reverse voltage
VR(LD)
2
V
PD reverse voltage
VR(PD)
30
V
Operating temperature
Topr
–10 to +50
°C
Storage temperature
Tstg
–40 to +85
°C
Optical and Electrical Characteristics
(TC = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Threshold current
Ith
45
60
mA
Operating current
IOP
90
110
mA
PO = 40 mW
Operating voltage
VOP
2.4
2.6
V
PO = 40 mW
Beam divergence
parallel to the junction
θ//
7
10
13
°
PO = 40 mW
Beam divergence
perpendicular to the junction
θ⊥
16
21
24
°
PO = 40 mW
Lasing wavelength
λp
640
643
nm
PO = 40 mW
Monitor current
IS
0.15
0.30
0.60
mA
PO = 40 mW ,VR(PD) = 5 V


Similar Part No. - HL6362MG

ManufacturerPart #DatasheetDescription
logo
Opnext. Inc.
HL6360MG OPNEXT-HL6360MG Datasheet
94Kb / 4P
   Low Operating Current Visible Laser Diode
HL6361MG OPNEXT-HL6361MG Datasheet
94Kb / 4P
   Low Operating Current Visible Laser Diode
HL6364DG OPNEXT-HL6364DG Datasheet
93Kb / 4P
   Low Operating Current Visible Laser Diode
HL6365DG OPNEXT-HL6365DG Datasheet
93Kb / 4P
   Low Operating Current Visible Laser Diode
HL6366DG OPNEXT-HL6366DG Datasheet
93Kb / 4P
   Low Operating Current Visible High Power Laser Diode
More results

Similar Description - HL6362MG

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HL6331G HITACHI-HL6331G Datasheet
36Kb / 8P
   Low Operating Current Visible Laser Diode
HL6325 HITACHI-HL6325 Datasheet
36Kb / 8P
   Low Operating Current Visible Laser Diode
logo
Opnext. Inc.
HL6354MG OPNEXT-HL6354MG Datasheet
94Kb / 4P
   Low Operating Current Visible Laser Diode
HL6360MG OPNEXT-HL6360MG Datasheet
94Kb / 4P
   Low Operating Current Visible Laser Diode
HL6376DG OPNEXT-HL6376DG Datasheet
92Kb / 4P
   Low Operating Current Visible Laser Diode
HL6364DG OPNEXT-HL6364DG Datasheet
93Kb / 4P
   Low Operating Current Visible Laser Diode
logo
Hitachi Semiconductor
HL6333MG HITACHI-HL6333MG Datasheet
36Kb / 8P
   Low Operating Current Visible Laser Diode
logo
Opnext. Inc.
HL6356MG OPNEXT-HL6356MG Datasheet
94Kb / 4P
   Low Operating Current Visible Laser Diode
HL6333MG OPNEXT-HL6333MG Datasheet
95Kb / 4P
   Low Operating Current Visible Laser Diode
HL6358MG OPNEXT-HL6358MG Datasheet
94Kb / 4P
   Low Operating Current Visible Laser Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com