Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TDA8560Q Datasheet(HTML) 6 Page - NXP Semiconductors

Part No. TDA8560Q
Description  2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA8560Q Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8560Q Datasheet HTML 6Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 16 page
background image
1996 Jan 08
6
Philips Semiconductors
Product speci?cation
2
× 40 W/2 ? stereo BTL car radio
power ampli?er with diagnostic facility
TDA8560Q
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
operating
?
18
V
non-operating
?
30
V
load dump protection
during 50 ms; tr ? 2.5 ms ?
45
V
Vpsc
AC and DC short-circuit safe voltage
?
18
V
Vpr
reverse polarity
?
6V
IOSM
non-repetitive peak output current
?
10
A
IORM
repetitive peak output current
?
7.5
A
Ptot
total power dissipation
?
60
W
Tstg
storage temperature
?55
+150
°C
Tamb
operating ambient temperature
?40
+85
°C
Tvj
virtual junction temperature
?
150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
40
K/W
Rth j-c
thermal resistance from junction to case (see Fig.5)
1.3
K/W
Fig.5 Equivalent thermal resistance network.
handbook, halfpage
2.2 K/W
0.2 K/W
2.2 K/W
virtual junction
output 1
output 2
case
MBA624


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn