Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TDA8560Q Datasheet(HTML) 9 Page - NXP Semiconductors

Part No. TDA8560Q
Description  2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA8560Q Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8560Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 16 page
background image
1996 Jan 08
9
Philips Semiconductors
Product specification
2
× 40 W/2 Ω stereo BTL car radio
power amplifier with diagnostic facility
TDA8560Q
AC CHARACTERISTICS
VP = 14.4 V; RL =4 Ω; f = 1 kHz; Tamb =25 °C; measured in Fig.6; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Po
output power
THD = 0.5%
16
19
W
THD = 10%
21
25
W
THD = 30%
28
35
W
Po
output power
VP = 13.2 V
THD = 0.5%
15
W
THD = 10%
21
W
THD
total harmonic distortion
Po =1W
0.1
%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn