Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8560Q Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8560Q
Description  2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8560Q Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8560Q Datasheet HTML 6Page - NXP Semiconductors TDA8560Q Datasheet HTML 7Page - NXP Semiconductors TDA8560Q Datasheet HTML 8Page - NXP Semiconductors TDA8560Q Datasheet HTML 9Page - NXP Semiconductors TDA8560Q Datasheet HTML 10Page - NXP Semiconductors TDA8560Q Datasheet HTML 11Page - NXP Semiconductors TDA8560Q Datasheet HTML 12Page - NXP Semiconductors TDA8560Q Datasheet HTML 13Page - NXP Semiconductors TDA8560Q Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1996 Jan 08
10
Philips Semiconductors
Product specification
2
× 40 W/2 Ω stereo BTL car radio
power amplifier with diagnostic facility
TDA8560Q
QUALITY SPECIFICATION
Quality in accordance with
“Quality reference handbook SNW-FQ-611E”, if this type used as an audio amplifier. This
handbook can be ordered using the code 9397 750 00192.
TEST AND APPLICATION INFORMATION
(1) To avoid high energy switching pulses which can feedback to the inputs it is advisable to ensure that the value of the resistor at pin 12 is
≥10 kΩ.
Fig.6 Stereo BTL test/application diagram.
MEA857 - 1
100
nF
mode switch
11
3
10
470 nF
1
4
6
470 nF
13
9
7
58
VP
TDA8560Q
2200
µF
14.4 V
R L
30
k
reference
voltage
2
ground (signal)
R L
30
k
input 2
input 1
power ground (substrate)
12
10 k
VP
(1)
diagnostic
output


Similar Part No. - TDA8560Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8561 PHILIPS-TDA8561 Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
TDA8562 PHILIPS-TDA8562 Datasheet
123Kb / 16P
   4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
July 1994
TDA8562Q PHILIPS-TDA8562Q Datasheet
123Kb / 16P
   4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
July 1994
More results

Similar Description - TDA8560Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
   High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
TDA8566 NXP-TDA8566 Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com