Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TDA8560Q Datasheet(HTML) 11 Page - NXP Semiconductors

Part No. TDA8560Q
Description  2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA8560Q Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8560Q Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 16 page
background image
1996 Jan 08
11
Philips Semiconductors
Product specification
2
× 40 W/2 Ω stereo BTL car radio
power amplifier with diagnostic facility
TDA8560Q
Fig.7 Mode select switch circuitry.
handbook, halfpage
100 k
MGA708
47
µF
10 k
10 k
mode
select
switch
VP
Diagnostic output
Special care must be taken in the printed-circuit board
layout to separate pin 12 from pin 1 and pin 13, to
minimize the crosstalk between the diagnostic output and
the inputs.
Mode select switch
To avoid switch-on plops, it is advised to keep the amplifier
in the mute mode during
>100 ms (charging of the input
capacitors at pin 1 and pin 13).
The circuit in Fig.7 slowly ramps up the voltage at the
mode select switch pin when switching on and results in
fast muting when switching off.
(1) f = 10 kHz.
(2) f = 1 Hz.
(3) f = 100 Hz.
Fig.8 Total harmonic distortion as a function of output power; VP = 14.4 V; RL =2 Ω.
10 2
MGA904
10
1
10 1
10 2
10
1
10
P (W)
o
10 2
1
10 2
THD
(%)
(1)
(2)
(3)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn