Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4420IG Datasheet(PDF) 5 Page - Microchip Technology

Part # TC4420IG
Description  6A High-Speed MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4420IG Datasheet(HTML) 5 Page - Microchip Technology

  TC4420IG Datasheet HTML 1Page - Microchip Technology TC4420IG Datasheet HTML 2Page - Microchip Technology TC4420IG Datasheet HTML 3Page - Microchip Technology TC4420IG Datasheet HTML 4Page - Microchip Technology TC4420IG Datasheet HTML 5Page - Microchip Technology TC4420IG Datasheet HTML 6Page - Microchip Technology TC4420IG Datasheet HTML 7Page - Microchip Technology TC4420IG Datasheet HTML 8Page - Microchip Technology TC4420IG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
 2004 Microchip Technology Inc.
DS21419C-page 5
TC4420/TC4429
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C with 4.5V ≤ VDD ≤ 18V.
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Rise Time vs. Capacitive
Load.
FIGURE 2-3:
Propagation Delay Time vs.
Temperature.
FIGURE 2-4:
Fall Time vs. Supply
Voltage.
FIGURE 2-5:
Fall Time vs. Capacitive
Load.
FIGURE 2-6:
Supply Current vs.
Capacitive Load.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
57
9
11
13
15
Supply Voltage (V)
C = 2200 pF
L
120
100
80
60
40
20
0
C = 4700 pF
L
C = 10,000 pF
L
V
= 12V
DD
V
= 5V
DD
60
40
20
10
1000
10,000
Capcitive Load (pF)
V
= 18V
DD
80
100
50
40
30
20
10
0
–60
–20
20
60
100
140
TA (°C)
D1
t
D2
t
C = 2200 pF
L
V
= 18V
DD
57
9
11
13
15
Supply Voltage (V)
C
= 2200 pF
L
C
= 4700 pF
L
C
= 10,000 pF
L
100
80
60
40
20
0
60
40
20
10
1000
10,000
Capacitive Load (pF)
V
= 18V
DD
80
100
V
= 12V
DD
V
= 5V
DD
0
100
1000
10,000
Capacitive Load (pF)
84
70
56
42
28
14
0
500 kHz
200 kHz
20 kHz
V
= 15V
DD


Similar Part No. - TC4420IG

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4420IJA TELCOM-TC4420IJA Datasheet
64Kb / 5P
   6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420IJA MICROCHIP-TC4420IJA Datasheet
64Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
2002-2012
TC4420IJA MICROCHIP-TC4420IJA Datasheet
69Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
10/18/96
More results

Similar Description - TC4420IG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
64Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
2002-2012
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18 Datasheet
605Kb / 13P
   6A High Speed MOSFET Drivers
logo
Alpha Industries
AS4420 ALPHA-AS4420 Datasheet
268Kb / 5P
   6A, High Speed MOSFET Drivers
logo
TelCom Semiconductor, I...
TC4420 TELCOM-TC4420 Datasheet
64Kb / 5P
   6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
378Kb / 22P
   6A High-Speed MOSFET Drivers
2002-2012 11/27/12
TC4420M MICROCHIP-TC4420M Datasheet
206Kb / 18P
   6A High-Speed MOSFET Drivers
2005
TC4420 MICROCHIP-TC4420_V01 Datasheet
69Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
10/18/96
MCP1406 MICROCHIP-MCP1406_16 Datasheet
764Kb / 30P
   6A High-Speed Power MOSFET Drivers
07/14/15
MCP1406 MICROCHIP-MCP1406 Datasheet
904Kb / 22P
   6A High-Speed Power MOSFET Drivers
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com