Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8563AQ Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8563AQ
Description  2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8563AQ Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8563AQ Datasheet HTML 6Page - NXP Semiconductors TDA8563AQ Datasheet HTML 7Page - NXP Semiconductors TDA8563AQ Datasheet HTML 8Page - NXP Semiconductors TDA8563AQ Datasheet HTML 9Page - NXP Semiconductors TDA8563AQ Datasheet HTML 10Page - NXP Semiconductors TDA8563AQ Datasheet HTML 11Page - NXP Semiconductors TDA8563AQ Datasheet HTML 12Page - NXP Semiconductors TDA8563AQ Datasheet HTML 13Page - NXP Semiconductors TDA8563AQ Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1997 Feb 20
10
Philips Semiconductors
Product specification
2
× 40 W/2 Ω stereo BTL car radio power
amplifier with diagnostic facility
TDA8563AQ
TEST AND APPLICATION INFORMATION
(1) To avoid high energy switching pulses which can feedback to the inputs it is advisable to ensure that the value of the resistor at pin 12 is
≥10 kΩ.
Fig.6 Stereo BTL test/application diagram.
handbook, full pagewidth
MGL074
100
nF
mode switch
11
3
10
470 nF
1
4
6
470 nF
13
9
7
58
VP
TDA8563AQ
2200
µF
30
k
reference
voltage
2
ground (signal)
30
k
input 2
input 1
power ground (substrate)
12
10 k
VP
diagnostic
output


Similar Part No. - TDA8563AQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8563 PHILIPS-TDA8563 Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
More results

Similar Description - TDA8563AQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
   High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
TDA8566 NXP-TDA8566 Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com