Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8563AQ Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA8563AQ
Description  2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8563AQ Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA8563AQ Datasheet HTML 10Page - NXP Semiconductors TDA8563AQ Datasheet HTML 11Page - NXP Semiconductors TDA8563AQ Datasheet HTML 12Page - NXP Semiconductors TDA8563AQ Datasheet HTML 13Page - NXP Semiconductors TDA8563AQ Datasheet HTML 14Page - NXP Semiconductors TDA8563AQ Datasheet HTML 15Page - NXP Semiconductors TDA8563AQ Datasheet HTML 16Page - NXP Semiconductors TDA8563AQ Datasheet HTML 17Page - NXP Semiconductors TDA8563AQ Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
1997 Feb 20
14
Philips Semiconductors
Product specification
2
× 40 W/2 Ω stereo BTL car radio power
amplifier with diagnostic facility
TDA8563AQ
Fig.13 Channel separation as a function of frequency; VP = 14.4 V; Po = 25 W; RL =2 Ω; Rs =10kΩ.
handbook, full pagewidth
70
10 5
MLB671
10 4
10 3
10 2
10
60
50
40
f (Hz)
(dB)
α cs
Fig.14 Quiescent current as a function of supply voltage; RL = ∞.
handbook, full pagewidth
18
150
50
8
1012
1416
MGA909
70
90
110
130
V
(V)
P
Iq
(mA)


Similar Part No. - TDA8563AQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8563 PHILIPS-TDA8563 Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
More results

Similar Description - TDA8563AQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
   High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
TDA8566 NXP-TDA8566 Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com