Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC670 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC670
Description  Tiny Predictive Fan Failure Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC670 Datasheet(HTML) 2 Page - Microchip Technology

  TC670_03 Datasheet HTML 1Page - Microchip Technology TC670_03 Datasheet HTML 2Page - Microchip Technology TC670_03 Datasheet HTML 3Page - Microchip Technology TC670_03 Datasheet HTML 4Page - Microchip Technology TC670_03 Datasheet HTML 5Page - Microchip Technology TC670_03 Datasheet HTML 6Page - Microchip Technology TC670_03 Datasheet HTML 7Page - Microchip Technology TC670_03 Datasheet HTML 8Page - Microchip Technology TC670_03 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC670
DS21688C-page 2
 2003 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
VDD...................................................................................6.0V
All Inputs and Outputs. ............ (GND
− 0.3V) to (VDD + 0.3V)
Output Short-Circuit Current .................................continuous
Current at Input Pin ................................................... +/-2 mA
Current at Output Pin .............................................. +/-25 mA
Junction Temperature, TJ ............................................. 150°C
ESD protection on all pins
..................................................≥ 4kV
Operating Temperature Range........................-40°C to +85°C
Storage Temperature Range.........................-55°C to +150°C
† Notice: Stresses above those listed under "Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operation listings of this specification is not implied. Exposure
to maximum rating conditions for extended periods may affect
device reliability.
TABLE 1-1:
PIN FUNCTION TABLE
DC CHARACTERISTICS
Symbol
Description
THRESHOLD
Analog Input
GND
Ground Terminal
CLEAR
Digital Input
VDD
Bias Supply Input
ALERT
Digital (Open-Drain) Output
SENSE
Analog Input
Electrical Specifications: Unless otherwise specified, all limits are specified at +25°C, VDD = 3.0V to 5.5V,
CLEAR = Low. Boldface type specifications apply for temperature range of -40°C to +85°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Power Supply
Supply Voltage
VDD
3.0
5.5
V
Supply Current
IDD
—90
150
µA
CLEAR Input
Logic Input High Level
VIH
0.8VDD
——
V
Logic Input Low Level
VIL
——
0.2VDD
V
SENSE Input
Input Level Threshold Voltage
VTH(SENSE)
—124
—mV
Input Resistance
RSENSE
—50
k
THRESHOLD Input
Input Voltage Minimum
0.0
V
Input Voltage Maximum
2.4
V
Input Resistance
100
M
Programmed Fan Speed Alert Accuracy
(Note 1)
ALERTACC
-10
+10
%
VDD = 3.0V
ALERT Output
Output Low Voltage
VLOW
——
0.3
VISINK = 2.5 mA
Output Delay Time
tDELAY
—176
ms
Temperature Ranges
Specified Temperature Range
TA
-40
+85
°C
Operating Temperature Range
TA
-40
+125
°C
Thermal Package Resistances
Thermal Resistance, 6L-SOT-23
θJA
—230
°C/W
Note 1: The TC670 will operate properly over the entire power supply range of 3.0V to 5.5V. As VDD varies from
3.0V, accuracy will degrade based on the percentage of VDD, as shown in Section 2.0, “Typical
Performance Curves”.


Similar Part No. - TC670_03

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC670ECH MICROCHIP-TC670ECH Datasheet
469Kb / 12P
   Tiny Predictive Fan Failure Detector
2002
TC670ECHTR MICROCHIP-TC670ECHTR Datasheet
259Kb / 14P
   Tiny Predictive Fan Failure Detector
11/29/12
TC670 MICROCHIP-TC670_13 Datasheet
259Kb / 14P
   Tiny Predictive Fan Failure Detector
11/29/12
More results

Similar Description - TC670_03

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC670 MICROCHIP-TC670_13 Datasheet
259Kb / 14P
   Tiny Predictive Fan Failure Detector
11/29/12
TC670 MICROCHIP-TC670 Datasheet
469Kb / 12P
   Tiny Predictive Fan Failure Detector
2002
logo
Maxim Integrated Produc...
MAX6684 MAXIM-MAX6684 Datasheet
168Kb / 7P
   Fan-Failure Detector with Integrated Power Switch
Rev 0; 1/02
logo
STMicroelectronics
STCC08 STMICROELECTRONICS-STCC08 Datasheet
258Kb / 13P
   AC switch failure mode detector
logo
List of Unclassifed Man...
A5219 ETC-A5219 Datasheet
60Kb / 1P
   Supervisor IC indicates fan failure
logo
Advantech Co., Ltd.
ESRP-MPM-UNO3382 ADVANTECH-ESRP-MPM-UNO3382 Datasheet
4Mb / 2P
   Predictive Edge Analyzer
logo
CML Microcircuits
CM1481 CMLMICRO-CM1481 Datasheet
164Kb / 24P
   Non-Predictive Selcall Module
logo
List of Unclassifed Man...
FR-159 ETC-FR-159 Datasheet
38Kb / 1P
   FAILURE REPORT
logo
Texas Instruments
UC27221 TI1-UC27221 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UCC27221 TI1-UCC27221_15 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com