Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1016-1.85VCTTR Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1016-1.85VCTTR
Description  80 mA, Tiny CMOS LDO With Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1016-1.85VCTTR Datasheet(HTML) 3 Page - Microchip Technology

  TC1016-1.85VCTTR Datasheet HTML 1Page - Microchip Technology TC1016-1.85VCTTR Datasheet HTML 2Page - Microchip Technology TC1016-1.85VCTTR Datasheet HTML 3Page - Microchip Technology TC1016-1.85VCTTR Datasheet HTML 4Page - Microchip Technology TC1016-1.85VCTTR Datasheet HTML 5Page - Microchip Technology TC1016-1.85VCTTR Datasheet HTML 6Page - Microchip Technology TC1016-1.85VCTTR Datasheet HTML 7Page - Microchip Technology TC1016-1.85VCTTR Datasheet HTML 8Page - Microchip Technology TC1016-1.85VCTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
© 2005 Microchip Technology Inc.
DS21666B-page 3
TC1016
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Dropout Voltage vs. Output
Current.
FIGURE 2-2:
Load Regulation vs.
Temperature.
FIGURE 2-3:
Supply Current vs. Input
Voltage.
FIGURE 2-4:
Dropout Voltage vs.
Temperature.
FIGURE 2-5:
Short Circuit Current vs.
Input Voltage.
FIGURE 2-6:
Supply Current vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
0.05
0.1
0.15
0.2
0.25
0
10
20
30405060
70
80
Load Current (mA)
V
OUT = 2.7V
+125°C
+25°C
-40°C
0.05
0.10
0.15
0.20
0.25
0.30
0.35
-45
-20
5
30
55
80
105
130
Temperature (°C)
V
OUT = 2.7V
Full Load = 0 – 80 mA
VIN = 3.3V
VIN = 3.7V
V
IN = 6.0V
47.0
48.0
49.0
50.0
51.0
52.0
53.0
54.0
55.0
56.0
57.0
3.33.6
3.94.2
4.54.8
5.15.4
5.76.0
Input Voltage (V)
V
OUT = 2.7V
+125°C
+25°C
-40°C
0.05
0.10
0.15
0.20
0.25
-45
-20
5
30
55
80
105
130
Temperature(°C)
V
OUT = 2.7V
I
LOAD = 80 mA
I
LOAD = 50mA
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
12
3456
Input Voltage
V
OUT = 2.7V
47.0
48.0
49.0
50.0
51.0
52.0
53.0
54.0
55.0
56.0
57.0
-45
-20
5
30
55
80
105
130
Temperature(°C)
V
OUT = 2.7V
VIN = 6V
V
IN = 3.3V


Similar Part No. - TC1016-1.85VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1016-1.85VCTTR MICROCHIP-TC1016-1.85VCTTR Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results

Similar Description - TC1016-1.85VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1016 MICROCHIP-TC1016_13 Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016 MICROCHIP-TC1016 Datasheet
327Kb / 20P
   80MA TINY CMOS LDO WITH SHUTDOWN
2001
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com