Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1016-2.8VCTTR Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1016-2.8VCTTR
Description  80 mA, Tiny CMOS LDO With Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1016-2.8VCTTR Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1016-2.8VCTTR Datasheet HTML 3Page - Microchip Technology TC1016-2.8VCTTR Datasheet HTML 4Page - Microchip Technology TC1016-2.8VCTTR Datasheet HTML 5Page - Microchip Technology TC1016-2.8VCTTR Datasheet HTML 6Page - Microchip Technology TC1016-2.8VCTTR Datasheet HTML 7Page - Microchip Technology TC1016-2.8VCTTR Datasheet HTML 8Page - Microchip Technology TC1016-2.8VCTTR Datasheet HTML 9Page - Microchip Technology TC1016-2.8VCTTR Datasheet HTML 10Page - Microchip Technology TC1016-2.8VCTTR Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
© 2005 Microchip Technology Inc.
DS21666B-page 7
TC1016
FIGURE 2-25:
Line Transient Response.
FIGURE 2-26:
Line Transient Response.
FIGURE 2-27:
Line Transient Response.
ILOAD = 60 mA
CIN = 0 µF
COUT = 4.7 µF Ceramic
VOUT = 1.8V
VOUT = 2.8V to 3.8V
ILOAD = 100 µA
CIN = 0 µF
COUT = 1 µF Ceramic
VIN = 4V to 5V
VOUT = 2.8V
ILOAD = 100 µA
CIN = 0 µF
COUT = 10 µF Ceramic
VIN = 4V to 5V
VOUT = 2.8V


Similar Part No. - TC1016-2.8VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1016-2.8VCTTR MICROCHIP-TC1016-2.8VCTTR Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results

Similar Description - TC1016-2.8VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1016 MICROCHIP-TC1016_13 Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016 MICROCHIP-TC1016 Datasheet
327Kb / 20P
   80MA TINY CMOS LDO WITH SHUTDOWN
2001
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com