Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1016-4.0VCTTR Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1016-4.0VCTTR
Description  80 mA, Tiny CMOS LDO With Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1016-4.0VCTTR Datasheet(HTML) 2 Page - Microchip Technology

  TC1016-4.0VCTTR Datasheet HTML 1Page - Microchip Technology TC1016-4.0VCTTR Datasheet HTML 2Page - Microchip Technology TC1016-4.0VCTTR Datasheet HTML 3Page - Microchip Technology TC1016-4.0VCTTR Datasheet HTML 4Page - Microchip Technology TC1016-4.0VCTTR Datasheet HTML 5Page - Microchip Technology TC1016-4.0VCTTR Datasheet HTML 6Page - Microchip Technology TC1016-4.0VCTTR Datasheet HTML 7Page - Microchip Technology TC1016-4.0VCTTR Datasheet HTML 8Page - Microchip Technology TC1016-4.0VCTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TC1016
DS21666B-page 2
© 2005 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS*
Input Voltage .........................................................6.5V
Power Dissipation................ Internally Limited (Note 7)
Operating Temperature ................. -40°C < TJ < 125°C
Storage Temperature......................... -65°C to +150°C
Maximum Voltage On Any Pin........ VIN + 0.3V to -0.3V
*Notice: Static-sensitive device. Unused devices must be
stored in conductive material. Protect devices from static dis-
charge and static fields. Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to
the device. These are stress ratings only and functional oper-
ation of the device at these or any other conditions above
those
indicated
in
the
operational
sections
of
the
specifications is not implied. Exposure to Absolute Maximum
Rating Conditions for extended periods may affect device
reliability
ELECTRICAL CHARACTERISTICS
VIN = VR + 1V, IL = 100 µA, CL = 1.0µF, SHDN > VIH, TA = 25°C, unless otherwise noted. Boldface type specifications apply for
junction temperatures of – 40°C to +125°C.
Parameter
Sym
Min
Typ
Max
Units
Test Conditions
Input Operating Voltage
VIN
2.7
6.0
V
Note 1
Maximum Output Current
IOUTMAX
80
——
mA
Output Voltage
VOUT
VR – 2.5%
VR ±0.5%
VR + 2.5%
V
Note 2
V
OUT Temperature Coefficient
TCVOUT
40
ppm/°C
Note 3
Line Regulation
(ΔVOUT/ΔVIN)/V
R
—0.01
0.2
%/V
(VR + 1V) < VIN < 6V
Load Regulation (Note 4)
ΔVOUT/VR
—0.23
1
%IL = 0.1 mA to IOUTMAX
Dropout Voltage (Note 5)VIN – VOUT
2
100
150
200
300
mV
IL = 100 µA
IL = 50 mA
IL = 80 mA
Supply Current
IIN
—53
90
µA
SHDN = VIH, IL = 0
Shutdown Supply Current
IINSD
0.05
0.5
µA
SHDN = 0V
Power Supply Rejection Ratio
PSRR
58
dB
f =1 kHz, IL = 50 mA
Wake-Up Time
(from Shutdown mode)
tWK
—10
µs
VIN = 5V, IL = 60 mA,
CIN = 1 µF, COUT = 1 µF,
f = 100 Hz
Settling Time
(from Shutdown Mode)
tS
—32
µs
VIN = 5V, IL = 60 mA,CIN =
1µF, COUT = 1 µF, f =
100 Hz
Output Short Circuit Current
IOUTSC
120
mA
VOUT = 0V
Thermal Regulation
VOUT/PD
—0.04
V/W
Notes 6, 7
Thermal Shutdown Die
Temperature
TSD
160
°C
Thermal Shutdown Hysteresis
ΔTSD
—10
°C
Output Noise
eN
800
nV/
√Hz f = 10 kHz
SHDN Input High Threshold
VIH
60
——
%VIN
VIN = 2.7V to 6.0V
SHDN Input Low Threshold
VIL
——
15
%VIN
VIN = 2.7V to 6.0V
Note
1:
The minimum V
IN has to meet two conditions: VIN ≥ 2.7V and VIN ≥ (VR + 2.5%)+VDROPOUT.
2:
V
R is the regulator voltage setting. For example: VR = 1.8V, 2.7V, 2.8V, 3.0V.
3:
4:
Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested over a load range
from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the Thermal
Regulation specification.
5:
Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value at a 1V
differential.
6:
Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or
line regulation effects. Specifications are for a current pulse equal to Ilmax at V
IN = 6V for t = 10 msec.
7:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable juction temperature and the
thermal resistance from junction-to-air (i.e. T
A, TJ, θJA). Exceeding the maximum allowable power dissipation causes the device to initiate
thermal shutdown. Please see Section 5.0 “Thermal Considerations” of this data sheet for more details.
TCV
OUT
V
OUTMAX
V
OUTMIN
() 10
6
×
V
OUT
T
Δ
×
--------------------------------------------------------------------------------------
=


Similar Part No. - TC1016-4.0VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1016-1.85VCTTR MICROCHIP-TC1016-1.85VCTTR Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016-1.85VLTTR MICROCHIP-TC1016-1.85VLTTR Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016-1.8VCTTR MICROCHIP-TC1016-1.8VCTTR Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016-1.8VLTTR MICROCHIP-TC1016-1.8VLTTR Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016-2.6VCTTR MICROCHIP-TC1016-2.6VCTTR Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results

Similar Description - TC1016-4.0VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1016 MICROCHIP-TC1016_13 Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016 MICROCHIP-TC1016 Datasheet
327Kb / 20P
   80MA TINY CMOS LDO WITH SHUTDOWN
2001
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com