Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TDA8566TH Datasheet(HTML) 6 Page - NXP Semiconductors

Part No. TDA8566TH
Description  2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA8566TH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8566TH Datasheet HTML 6Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 16 page
background image
2001 Apr 24
6
Philips Semiconductors
Objective specification
2
× 40 W/2 Ω stereo BTL car radio power amplifier
with differential inputs and diagnostic outputs
TDA8566TH
handbook, full pagewidth
MGU360
short-circuit over the load
20 ms
50
µs
t (s)
t (s)
VDIAG
(V)
current
in
output
stage
Fig.4 Short-circuit diagnostic timing diagram.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
QUALITY SPECIFICATION
Quality specification in accordance with
“SNW-FQ-611D”, if this type is used as an audio amplifier.
THERMAL CHARACTERISTICS
Thermal characteristics in accordance with IEC 60747-1.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
operating
18
V
non-operating
30
V
load dump protection;
during 50 ms; tr ≥ 2.5 ms
45
V
IOSM
non-repetitive peak output current
10
A
IORM
repetitive peak output current
7.5
A
Tstg
storage temperature
−55
+150
°C
Tvj
virtual junction temperature
150
°C
Tamb
ambient temperature
−40
+85
°C
Vpsc
short-circuit safe voltage
18
V
Vrp
reverse polarity voltage
6.0
V
Ptot
total power dissipation
60
W
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-c)
thermal resistance from junction to case
see Fig.5
1.9
K/W
Rth(j-a)
thermal resistance from junction to ambient
in free air
40
K/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn