Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM810MEB713 Datasheet(PDF) 7 Page - Microchip Technology

Part # TCM810MEB713
Description  3-Pin Microcontroller Reset Monitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM810MEB713 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TCM810MEB713 Datasheet HTML 3Page - Microchip Technology TCM810MEB713 Datasheet HTML 4Page - Microchip Technology TCM810MEB713 Datasheet HTML 5Page - Microchip Technology TCM810MEB713 Datasheet HTML 6Page - Microchip Technology TCM810MEB713 Datasheet HTML 7Page - Microchip Technology TCM810MEB713 Datasheet HTML 8Page - Microchip Technology TCM810MEB713 Datasheet HTML 9Page - Microchip Technology TCM810MEB713 Datasheet HTML 10Page - Microchip Technology TCM810MEB713 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2005 Microchip Technology Inc.
DS21661D-page 7
TCM809/TCM810
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
3-Pin SOT-23B
XXNN
Legend: XX...X
Customer-specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Example:
Customer Specific Information Codes for:
TCM8xx =
Part Number
TCM809 TCM810
TCM8xxLENB
J1
K1
VNB
JZ
KZ
TCM8xxMENB
J2
K2
VNB
JY
KY
TCM8xxTENB
J3
K3
VNB
JX
KX
TCM8xxSENB
J4
K4
VNB
JV
KV
TCM8xxRENB
J5
K5
VNB
JU
KU
TCM8xxJ
ENB
J6
VNB
JT
KS
TCM8xxZENB
J7
K6
3-Pin SC-70
Top Side
Bottom Side
XXN
YWW
OR
XXNN
Example:
Customer Specific Information Codes for:
TCM8xx =
Part Number
TCM809 TCM810
TCM8xxL
ELB
J1
VLB
JZ
KZ
TCM8xxM
ELB
J2
VLB
JY
KY
TCM8xxT
ELB
J3
VLB
JX
KX
TCM8xxS
ELB
J4
VLB
JV
KV
TCM8xxR
ELB
J5
VLB
JU
KU
TCM8xxJ
ELB
J6
VLB
JT
KS
TCM8xxZ
ELB
J7
VLB
JS
KT


Similar Part No. - TCM810MEB713

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM810MELB713 MICROCHIP-TCM810MELB713 Datasheet
141Kb / 14P
   3-Pin Microcontroller Reset Monitors
2004
logo
TelCom Semiconductor, I...
TCM810MENB TELCOM-TCM810MENB Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
logo
Microchip Technology
TCM810MENB713 MICROCHIP-TCM810MENB713 Datasheet
141Kb / 14P
   3-Pin Microcontroller Reset Monitors
2004
More results

Similar Description - TCM810MEB713

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM809 MICROCHIP-TCM809 Datasheet
141Kb / 14P
   3-Pin Microcontroller Reset Monitors
2004
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
   3-Pin Microcontroller Reset Monitors
11/29/12
TCM811 MICROCHIP-TCM811 Datasheet
258Kb / 14P
   4-Pin Microcontroller Reset Monitors
2002
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
   3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
   3 PIN MICROPROCESSOR RESET MONITORS
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
   3-PIN MICROPROCESSOR RESET MONITORS
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
logo
Microchip Technology
TC1278 MICROCHIP-TC1278 Datasheet
424Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2002
TC1274 MICROCHIP-TC1274 Datasheet
224Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2003
TC1278 MICROCHIP-TC1278_07 Datasheet
452Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com