Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC46 Datasheet(PDF) 5 Page - Microchip Technology

Part # 93LC46
Description  1K/2K/4K 2.5V Microwire Serial EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC46 Datasheet(HTML) 5 Page - Microchip Technology

  93LC46 Datasheet HTML 1Page - Microchip Technology 93LC46 Datasheet HTML 2Page - Microchip Technology 93LC46 Datasheet HTML 3Page - Microchip Technology 93LC46 Datasheet HTML 4Page - Microchip Technology 93LC46 Datasheet HTML 5Page - Microchip Technology 93LC46 Datasheet HTML 6Page - Microchip Technology 93LC46 Datasheet HTML 7Page - Microchip Technology 93LC46 Datasheet HTML 8Page - Microchip Technology 93LC46 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
 2004 Microchip Technology Inc.
DS21712B-page 5
93LC46/56/66
TABLE 1-5:
INSTRUCTION SET FOR 93LC66: ORG = 1 (X 16 ORGANIZATION)
TABLE 1-6:
INSTRUCTION SET FOR 93LC66: ORG = 0 (X 8 ORGANIZATION)
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK
Cycles
READ
1
10
A7 A6 A5 A4 A3 A2 A1 A0
D15 - D0
27
EWEN
1
00
1 1 X X X X X X
High-Z
11
ERASE
1
11
A7 A6 A5 A4 A3 A2 A1 A0
(RDY/BSY)11
ERAL
1
00
1 0 X X X X X X
(RDY/BSY)11
WRITE
1
01
A7 A6 A5 A4 A3 A2 A1 A0
D15 - D0
(RDY/BSY)27
WRAL
1
00
0 1 X X X X X X
D15 - D0
(RDY/BSY)
27
EWDS
1
00
0 0 X X X X X X
High-Z
11
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK
Cycles
READ
1
10
A8 A7 A6 A5 A4 A3 A2 A1 A0
D7 - D0
20
EWEN
1
00
1 1 X X X X X X X
High-Z
12
ERASE
1
11
A8 A7 A6 A5 A4 A3 A2 A1 A0
(RDY/BSY)12
ERAL
1
00
1 0 X X X X X X X
(RDY/BSY)12
WRITE
1
01
A8 A7 A6 A5 A4 A3 A2 A1 A0
D7 - D0
(RDY/BSY)20
WRAL
1
00
0 1 X X X X X X X
D7 - D0
(RDY/BSY)20
EWDS
1
00
0 0 X X X X X X X
High-Z
12


Similar Part No. - 93LC46

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC46 MICROCHIP-93LC46 Datasheet
222Kb / 12P
   1K/2K/4K 2.0V Microwire Serial EEPROM
2004
93LC46 MICROCHIP-93LC46 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC46 MICROCHIP-93LC46 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC46 MICROCHIP-93LC46 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC46 MICROCHIP-93LC46 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
More results

Similar Description - 93LC46

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC46 MICROCHIP-93LC46 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC46 MICROCHIP-93LC46_13 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC56 MICROCHIP-93LC56 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC46SN MICROCHIP-93LC46SN Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC46 MICROCHIP-93LC46_12 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA46 MICROCHIP-93AA46_04 Datasheet
357Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
2004
93AA46 MICROCHIP-93AA46_13 Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA46 MICROCHIP-93AA46 Datasheet
95Kb / 12P
   1K/2K/4K 1.8V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com