Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8567 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8567
Description  4 x 25 W BTL quad car radio power amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8567 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8567 Datasheet HTML 1Page - NXP Semiconductors TDA8567 Datasheet HTML 2Page - NXP Semiconductors TDA8567 Datasheet HTML 3Page - NXP Semiconductors TDA8567 Datasheet HTML 4Page - NXP Semiconductors TDA8567 Datasheet HTML 5Page - NXP Semiconductors TDA8567 Datasheet HTML 6Page - NXP Semiconductors TDA8567 Datasheet HTML 7Page - NXP Semiconductors TDA8567 Datasheet HTML 8Page - NXP Semiconductors TDA8567 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1998 Sep 23
5
Philips Semiconductors
Product specification
4
× 25 W BTL quad car radio power
amplifier
TDA8567Q
FUNCTIONAL DESCRIPTION
The TDA8567Q contains four identical amplifiers which
can be used for bridge applications. The gain of each
amplifier is fixed at 26 dB.
Mode select switch (pin 15)
• Standby: low supply current (<100 µA)
• Mute: input signal suppressed
• Operating: normal on condition.
Since this pin has a low input current (<80
µA), a low cost
supply switch can be applied.
To avoid switch-on plops, it is advised to keep the amplifier
in the mute mode during
≥150 ms (charging of the input
capacitors at pins 10, 11, 13 and 14). When switching
from standby to mute, the slope should be at least 18 V/s.
This can be realized by:
• Microprocessor control
• External timing circuit (see Fig.3).
Diagnostic output (pin 9)
DYNAMIC DISTORTION DETECTOR (DDD)
At the onset of clipping of one or more output stages, the
dynamic distortion detector becomes active and pin 9
goes LOW. This information can be used to drive a sound
processor or DC volume control to attenuate the input
signal and so limit the distortion. The output level of pin 9
is independent of the number of channels that are clipping
(see Fig.4).
SHORT-CIRCUIT DIAGNOSTIC
When a short-circuit occurs at one or more outputs to
ground or to the supply voltage, the output stages are
switched off until the short-circuit is removed and the
device is switched on again, with a delay of approximately
10 ms after removal of the short-circuit. During this
short-circuit condition, pin 9 is continuously LOW.
When a short-circuit occurs across the load of one or more
channels, the output stages are switched off during
approximately 10 ms. After that time it is checked during
approximately 50
µs to determine whether the short-circuit
is still present.
Due to this duty cycle of 50
µs/10 ms the average current
consumption during this short-circuit condition is very low.
During this short-circuit condition, pin 9 is LOW for 10 ms
and HIGH for 50
µs (see Fig.5). The protection circuits of
all channels are coupled. This means that if a short-circuit
condition occurs in one of the channels, all channels are
switched off. Consequently, the power dissipation in any
short-circuit condition is very low.
TEMPERATURE PRE-WARNING
When the virtual junction temperature Tvj reaches 145 °C,
pin 9 goes LOW.
OPEN COLLECTOR OUTPUTS
The diagnostic pin has an open collector output, so more
devices can be tied together. An external pull-up resistor is
needed.
Fig.3 Mode select switch circuitry.
handbook, halfpage
+VP
MODE
MGD959
BZX79C/3.9V
10 k
47
µF
Fig.4 Distortion detector waveform.
handbook, halfpage
V9
0
VP
Vo
0
t
MGG155


Similar Part No. - TDA8567

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8560 PHILIPS-TDA8560 Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8561 PHILIPS-TDA8561 Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
More results

Similar Description - TDA8567

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8568Q PHILIPS-TDA8568Q Datasheet
256Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8569Q PHILIPS-TDA8569Q Datasheet
288Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1997 Mar 27
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA8569Q PHILIPS-TDA8569Q_15 Datasheet
206Kb / 18P
   4X40 W BTL quad car radio power amplifier
2003 Aug 08
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
TDA8591J PHILIPS-TDA8591J Datasheet
295Kb / 36P
   4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
2002 Jan 14
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
logo
STMicroelectronics
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
   4 x 41 W quad bridge car radio amplifier
September 2013 Rev 2
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
   4 x 51 W quad bridge car radio amplifier
Rev 6 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com