Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC-08CN Datasheet(PDF) 7 Page - ON Semiconductor

Part # DAC-08CN
Description  8?묪it High?뭆peed Multiplying D/A Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAC-08CN Datasheet(HTML) 7 Page - ON Semiconductor

Back Button DAC-08CN Datasheet HTML 3Page - ON Semiconductor DAC-08CN Datasheet HTML 4Page - ON Semiconductor DAC-08CN Datasheet HTML 5Page - ON Semiconductor DAC-08CN Datasheet HTML 6Page - ON Semiconductor DAC-08CN Datasheet HTML 7Page - ON Semiconductor DAC-08CN Datasheet HTML 8Page - ON Semiconductor DAC-08CN Datasheet HTML 9Page - ON Semiconductor DAC-08CN Datasheet HTML 10Page - ON Semiconductor DAC-08CN Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DAC−08 SERIES
http://onsemi.com
7
TYPICAL PERFORMANCE CHARACTERISTICS
10
IFS − OUTPUT FULL SCALE CURRENT (mA)
50ns/DIVISIOM
REQ = 200W, RL = 100W, CC = 0
2.0mA
NOTES:
Curve 1:
CC = 15pF, VIN = 2.0VP-P centered at +1.0V
Curve 1:
CC = 15pF, VIN = 5m0VP-P centered at +200mV
Curve 1:
CC = 15pF, VIN = 100m0VP-P centered at 0V
and applied through 50
W connected to Pin 14.
+2.0V applied to R14.
IREF − REFERENCE CURRENT (mA)
5.0
4.0
3.0
2.0
1.0
0
0
1.0
2.0
3.0
4.0
5.0
TA = Tmin TO Tmax
ALL BITS “HIGH”
LIMIT FOR
V−=−15V
LIMIT FOR
V−=−5V
(00000000)
(11111111)
0mA
1.0mA
IOUT
IOUT
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
OUTPUT VOLTAGE (V)
ALL BITS ON
−14 −10
−6
−2 0 2
6
10
14
18
2.5V
0.5V
−0.5mA
−2.5mA
VIN
IOUT
200ns/division
BIT 8
LOGIC
INPUT
IOUT
8
mA
2.4V
0.4V
0V
0
ALL BITS SWITCHED ON
OUTPUT − 1/2LSB
SETTLING +1/2LSB
0
2.4V
0.4V
50ns/DIVISIOM
IFS=2mA, RL=1kW 1/2LSB=4mA
500
400
300
200
100
0
1LSB=78nA
1LSB=7.8
mA
FREQUENCY (MHz)
6
4
2
0
−2
−4
−6
−8
−10
−12
−14
0.1
0.2
0.5
1.0
2.0
5.0
R14=R15=1k
W
3
2
1
RL ≤ 500W
ALL BITS “ON”
VR15 = 0V
IREF = 0.2mA
IREF = 1mA
IREF = 2mA
V− = −15V
V− = −5V
TA = Tmin TO Tmax
Figure 6. Output Current
vs. Output Voltage
(Output Voltage Compliance)
Figure 7. Fast Pulsed Reference
Operation
Figure 8. True and
Complementary Output Operation
Figure 9. Full−Scale Settling Time
Figure 10. LSB Switching
Figure 11. Full−Scale Current
vs. Reference Current
Figure 12. LSB Propagation
Delay vs. IFS
Figure 13. Reference Input
Frequency Response


Similar Part No. - DAC-08CN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC-08CN PHILIPS-DAC-08CN Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
DAC-08CN PHILIPS-DAC-08CN Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
More results

Similar Description - DAC-08CN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
ON Semiconductor
MC1408-8 ONSEMI-MC1408-8 Datasheet
119Kb / 9P
   8?뭕it Multiplying D/A Converter
May, 2006 ??Rev. 2
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
logo
NXP Semiconductors
DAC08 PHILIPS-DAC08 Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com