Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC-08HN Datasheet(PDF) 6 Page - ON Semiconductor

Part # DAC-08HN
Description  8?묪it High?뭆peed Multiplying D/A Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAC-08HN Datasheet(HTML) 6 Page - ON Semiconductor

Back Button DAC-08HN Datasheet HTML 2Page - ON Semiconductor DAC-08HN Datasheet HTML 3Page - ON Semiconductor DAC-08HN Datasheet HTML 4Page - ON Semiconductor DAC-08HN Datasheet HTML 5Page - ON Semiconductor DAC-08HN Datasheet HTML 6Page - ON Semiconductor DAC-08HN Datasheet HTML 7Page - ON Semiconductor DAC-08HN Datasheet HTML 8Page - ON Semiconductor DAC-08HN Datasheet HTML 9Page - ON Semiconductor DAC-08HN Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DAC−08 SERIES
http://onsemi.com
6
TEST CIRCUITS
5
6
7
8
9
10
11
12
3
13
14
15
1
2
4
16
DAC-08
VEE
VCC
0.1
mF
OPEN
SCOPE
REQ = 200 W
RL
RP
RIN
VIN
dI
dt +
I
R
L
dV
dt
SLEWING TIME
10%
90%
0
2.0 mA
2V
0
1 k
W
Figure 4. Reference Current Slew Rate Measurement
NOTES:
(See text for values of C.)
Typical values of R14 = R15 = 1 kW
VREF = +2.0 V
C = 15 pF
VI and II apply to inputs A1 through A8
The resistor tied to Pin 15 is to temperature compensate the bias current and may not be necessary for all applications.
I
O +
K
A
1
2
)
A
2
4
)
A
3
8
)
A
4
16
)
A
5
32
)
A
6
64
)
A
7
128
)
A
8
256
where K
[
V
REF
R
14
and AN = ‘1’ if AN is at High Level
AN = ‘0’ if AN is at Low Level
5
6
7
8
9
10
11
12
3
13
14
15
1
2
4
16
DAC-08
VCC
DIGITAL
INPUTS
OUTPUT
ICC
VO
VREF (+)
IO
RL
C
VEE
IEE
VI
II
(+)
R15
R14
I15
I14
A1
A2
A3
A4
A5
A6
A7
A8
Figure 5. Notation Definitions


Similar Part No. - DAC-08HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC-08HN PHILIPS-DAC-08HN Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
More results

Similar Description - DAC-08HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
ON Semiconductor
MC1408-8 ONSEMI-MC1408-8 Datasheet
119Kb / 9P
   8?뭕it Multiplying D/A Converter
May, 2006 ??Rev. 2
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
logo
NXP Semiconductors
DAC08 PHILIPS-DAC08 Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com