Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC72-2.8MUA Datasheet(PDF) 10 Page - Microchip Technology

Part # TC72-2.8MUA
Description  Digital Temperature Sensor with SPI??Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC72-2.8MUA Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC72-2.8MUA Datasheet HTML 6Page - Microchip Technology TC72-2.8MUA Datasheet HTML 7Page - Microchip Technology TC72-2.8MUA Datasheet HTML 8Page - Microchip Technology TC72-2.8MUA Datasheet HTML 9Page - Microchip Technology TC72-2.8MUA Datasheet HTML 10Page - Microchip Technology TC72-2.8MUA Datasheet HTML 11Page - Microchip Technology TC72-2.8MUA Datasheet HTML 12Page - Microchip Technology TC72-2.8MUA Datasheet HTML 13Page - Microchip Technology TC72-2.8MUA Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TC72
DS21743A-page 10
 2002 Microchip Technology Inc.
TABLE 3-3:
OPERATIONAL MODES
3.4
Read Operation
The temperature and control register data is outputted
from the TC72 using the CE, SCK and SDO lines.
Figure 3-3 shows a timing diagram of the read opera-
tion. Communication is initiated by the chip enable (CE)
going high. The SDO line remains at the voltage level
of the LSb bit that is outputted and goes to the tri-state
level when the CE line goes to a logic low level.
3.5
Write Operation
Data is clocked into the Control register in order to
enable the TC72’s power saving shutdown mode. The
write operation is shown in Figure 3-3 and is
accomplished using the CE, SCK and SDI line.
FIGURE 3-2:
Serial Clock Polarity (CP)
Operation.
Mode
CE
SCK (Note 1)
SDI
SDO
Disable
L
Input Disabled
Input Disabled
High Z
Write (A7 = 1)H
CP=1, Data Shifted on Falling Edge,
Data Clocked on Rising Edge
Data Bit Latch
High Z
CP=0, Data Shifted on Rising Edge,
Data Clocked on Falling Edge
Read (A7 = 0)H
CP=1, Data Shifted on Falling Edge,
Data Clocked on Rising Edge
X
Next data bit shift,
Note 2
CP=0, Data Shifted on Rising Edge,
Data Clocked on Falling Edge
Note 1: CP is the Clock Polarity of the microcontroller system clock. If the inactive state of SCK is logic level high,
CP is equal to ‘1’; otherwise, if the inactive state of SCK is low, CP is equal to ‘0’.
2: During a Read operation, SDO remains at a high impedance (High Z) level until the eight bits of data begin
to be shifted out of the Temperature register.
SHIFT
EDGE
CLOCK
EDGE
SHIFT
EDGE
CLOCK
EDGE
SCK
CE
CE
SCK
CP = 0
CP = 1


Similar Part No. - TC72-2.8MUA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC72-2.8MUA MICROCHIP-TC72-2.8MUA Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
TC72-2.8MUATR MICROCHIP-TC72-2.8MUATR Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
More results

Similar Description - TC72-2.8MUA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com