Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT7808-25PAG Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74ACT7808-25PAG
Description  2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7808-25PAG Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74ACT7808-25PAG Datasheet HTML 7Page - Texas Instruments SN74ACT7808-25PAG Datasheet HTML 8Page - Texas Instruments SN74ACT7808-25PAG Datasheet HTML 9Page - Texas Instruments SN74ACT7808-25PAG Datasheet HTML 10Page - Texas Instruments SN74ACT7808-25PAG Datasheet HTML 11Page - Texas Instruments SN74ACT7808-25PAG Datasheet HTML 12Page - Texas Instruments SN74ACT7808-25PAG Datasheet HTML 13Page - Texas Instruments SN74ACT7808-25PAG Datasheet HTML 14Page - Texas Instruments SN74ACT7808-25PAG Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SN74ACT7808
2048
× 9 STROBED FIRST-IN, FIRST-OUT MEMORY
SCAS205E – FEBRUARY 1991 – REVISED NOVEMBER 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
PROPAGATION DELAY TIME
vs
LOAD CAPACITANCE
0
50
100
150
200
250
300
CL – Load Capacitance – pF
VCC = 5 V
RL = 500 Ω
TA = 25°C
typ + 8
typ + 6
typ + 4
typ + 2
typ
typ – 2
Figure 5
80
40
20
0
010
20
30
40
50
120
140
SUPPLY CURRENT
vs
CLOCK FREQUENCY
160
60
70
80
100
60
VCC = 5.5 V
VCC = 4.5 V
TA = 75°C
CL = 0 pF
fclock – Clock Frequency – MHz
VCC = 5 V


Similar Part No. - SN74ACT7808-25PAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7808 TI-SN74ACT7808 Datasheet
183Kb / 14P
[Old version datasheet]   2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7808FN TI-SN74ACT7808FN Datasheet
183Kb / 14P
[Old version datasheet]   2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7808PAG TI-SN74ACT7808PAG Datasheet
183Kb / 14P
[Old version datasheet]   2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7808PM TI-SN74ACT7808PM Datasheet
183Kb / 14P
[Old version datasheet]   2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ACT7808-25PAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7808 TI-SN74ACT7808 Datasheet
183Kb / 14P
[Old version datasheet]   2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7807 TI-SN74ACT7807 Datasheet
203Kb / 15P
[Old version datasheet]   2048 횞 9 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7807 TI1-SN74ACT7807_15 Datasheet
282Kb / 19P
[Old version datasheet]   2048 횞 9CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806 Datasheet
137Kb / 10P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804 Datasheet
146Kb / 11P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806_06 Datasheet
174Kb / 12P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814 TI-SN74ACT7814 Datasheet
146Kb / 11P
[Old version datasheet]   64 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804_06 Datasheet
183Kb / 13P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7802 TI-SN74ACT7802 Datasheet
156Kb / 12P
[Old version datasheet]   1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7802 TI-SN74ACT7802_06 Datasheet
224Kb / 15P
[Old version datasheet]   1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com