Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP619EK-L Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP619EK-L
Description  High Current Power Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP619EK-L Datasheet(HTML) 2 Page - Sipex Corporation

  SP619EK-L Datasheet HTML 1Page - Sipex Corporation SP619EK-L Datasheet HTML 2Page - Sipex Corporation SP619EK-L Datasheet HTML 3Page - Sipex Corporation SP619EK-L Datasheet HTML 4Page - Sipex Corporation SP619EK-L Datasheet HTML 5Page - Sipex Corporation SP619EK-L Datasheet HTML 6Page - Sipex Corporation SP619EK-L Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Jul23-07 Rev K
SP69 High Current Power Switch
© 2007 Sipex Corporation
2
AbSOLUTE MAxIMUM RATINgS
RECOMMENDED OPERATINg CONDITIONS
Unless otherwise specified: Vin = 2.5V - 7V, Cin = 0.µF, Ta = -40°C to + 85°C
These are stress ratings only and functional op-
eration of the device at these ratings or any other
above those indicated in the operation sections of
the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended
periods of time may affect reliability.
PARAMETER
CONDITIONS
MIN
TYP (Note )
MAX
UNITS
Operating Input Voltage
Range
2.5
7
V
Overcurrent Deactivation
Range
EN=1.5V
725
800
00
mA
Overcurrent Duration Be-
fore Deactivation
EN=1.5V

5.25
ms
Shutdown Supply Current
Vin=4.2V
2
µA
Quiescent Supply Current
EN=1.5V Vin=4.2V
Iout=0mA
350
µA
Quiescent Supply Current
EN=1.5V Vin=4.2V
Iout=725mA
5.25
mA
Rds(on)
Vin=2.5V Iout=00mA
EN=1.5V
.377
Post Fault Output Load for
Recovery
Enable=1.5V
0
5
23
KΩ
Post Fault Activation Turn
On Time
Enable=1.5V

55
ms
Thermal Shutdown Die
Temperature
SP69 will self recover
when temperature drops
below the trip point .
20
50
80
°C
Thermal Restart Die Tem-
perature
90
20
35
°C
ENABLE Logic LOW
Driver is disabled
.5
V
ENABLE Pin Logic HIGH
Driver is active
.655
.4
V
Turn On Delay
Rl=100kΩ, Cl= 0.0µF
(Note 2,3)
600
µs
Turn Off Delay
Rl=100kΩ, Cl= 0.0µF
(Note 2,4)
200
µs
Rise Time
Rl=100kΩ, Cl= 0.0µF
(Note 2)
00
µs
Fall Time
Rl=100kΩ, Cl= 0.0µF
(Note 2)
2500
µs
Vin……….…………………………….….…-0.3V to 7V
Storage Temperature..…....……….… -65°C to 50°C
Junction Temperature..................... ……..…….50°C
Lead Temperature (Soldering, 0 sec)......…….300°C
ESD RATING
Human Body Model……………………….…….2000V
Machine Model…………………………………....200V
OPERATING RATINGS
Thermal resistance SOT23-6
Junction to Ambient……………………….….….9°C
Junction to lead ……………………...……………50°C
Note 1: Typicals are Tj=25°C
Note 2: Characterized, not 100% tested
Note 3: Turn on delay is measured from the time the enable pin is turned on to the time it takes the output to rise to 10% of its
final value.
Note 4: Turn off delay is measured from the time the enable pin is turned to the time it takes for the output to fall to 90% of its
current value.


Similar Part No. - SP619EK-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP619EK-L EXAR-SP619EK-L Datasheet
207Kb / 7P
   High Current Power Switch
SP619EK-L/TR EXAR-SP619EK-L/TR Datasheet
207Kb / 7P
   High Current Power Switch
More results

Similar Description - SP619EK-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP619 EXAR-SP619 Datasheet
207Kb / 7P
   High Current Power Switch
logo
E-Tech Electronics LTD
UPS602 ETL-UPS602 Datasheet
582Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS604 ETL-UPS604 Datasheet
596Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703 ETL-UPS703 Datasheet
560Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS704 ETL-UPS704 Datasheet
546Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
logo
Unisonic Technologies
UPS603 UTC-UPS603 Datasheet
545Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
logo
Infineon Technologies A...
BTS550P INFINEON-BTS550P Datasheet
279Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555 INFINEON-BTS555 Datasheet
302Kb / 16P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS6510 INFINEON-BTS6510 Datasheet
263Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
logo
Unisonic Technologies
UPS1602 UTC-UPS1602 Datasheet
619Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com