Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC341-40 Datasheet(PDF) 7 Page - Texas Instruments

Part # TC341-40
Description  780X488 PIXEL CCD IMAGE SENSOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC341-40 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TC341-40 Datasheet HTML 3Page - Texas Instruments TC341-40 Datasheet HTML 4Page - Texas Instruments TC341-40 Datasheet HTML 5Page - Texas Instruments TC341-40 Datasheet HTML 6Page - Texas Instruments TC341-40 Datasheet HTML 7Page - Texas Instruments TC341-40 Datasheet HTML 8Page - Texas Instruments TC341-40 Datasheet HTML 9Page - Texas Instruments TC341-40 Datasheet HTML 10Page - Texas Instruments TC341-40 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TC341
780×488 PIXEL
CCD IMAGE SENSOR
SOCS083A – OCTOBER 2002
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
advanced lateral overflow drain
The advanced overflow drain structure is shared by two neighboring pixels in each line. Varying the dc bias of
the antiblooming drain controls the blooming protection level and trades it for well capacity. Applying a pulse
(approximately 10 V above the nominal level for a minimum of 1
µs) to the drain removes all charge from the
pixels. This feature permits a precise control of the integration time on a frame-by-frame basis. The single-pulse
clearing capability also reduces smear by eliminating accumulated charge in the pixels before the start of the
integration period (single-sided smear). The application of a negative 1-V pulse to the antiblooming drain during
the parallel transfer is recommended. This pulse prevents creation of undesirable artifacts caused by the
on-chip crosstalk between the image area gate clock lines and the antiblooming drain bias lines.
serial register
The serial register is used to transport charge stored in the pixels of the memory to the output amplifier. The
register well capacity is designed to hold two complete lines of data. This allows implementation of pixel
summing in the vertical direction (line summing) and thus also implementation of pseudo-interlace. This is
accomplished by summing together lines 1+2, 3+4,
… in one field and lines 2+3, 4+5, … in the other. The true
interlace is obtained by skipping appropriate lines in each field and dumping unwanted charge into a clearing
drain. The clearing drain is located next to the serial register and charge is directed to it via a special charge
transfer gate (TRG).
charge detection node
The last element of the charge readout chain is the charge detection node. The charge detection used in this
device is based on a floating diffusion (FD) concept. The n+ FD node serves as a capacitor that is first reset
to a suitable reference voltage. Charge from the serial register pixel is then transferred on the node. This causes
a change in the potential of FD, and a gate of the first stage source follower transistor connected to it senses
this change. The output signal from the first stage is further buffered by another source follower stage to provide
necessary driving capability for the off-chip circuits.
The reset gate of the detection node reset transistor is connected to its own pin. This allows more flexibility in
operating the sensor. By skipping the reset pulses, charge from several pixels can be summed together. This
feature also allows an easy implementation of correlated double sampling (CDS) that is used to minimize the
undesirable effect of reset (kTC) noise.
The detection node is reset to a voltage reference that is generated internally on-chip and tracks the process
induced potential variations. This improves the accuracy and stability of the device operation.
special feature
The sensor is provided with a charge input structure located at the upper right-hand corner of the image-sensing
array. Charge input may be useful for a variety of applications, but its main purpose here is electrical testing of
the sensor during manufacturing.


Similar Part No. - TC341-40

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
TC3417D-101M PRODUCTWELL-TC3417D-101M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC3418D-560M PRODUCTWELL-TC3418D-560M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC3418D-680M PRODUCTWELL-TC3418D-680M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC3418D-820M PRODUCTWELL-TC3418D-820M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Similar Description - TC341-40

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC281 TI1-TC281_03 Datasheet
268Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC255P TI1-TC255P_03 Datasheet
350Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC245_1998 TI1-TC245_1998 Datasheet
309Kb / 19P
[Old version datasheet]   pixel ccd image sensor
TC217 TI1-TC217_08 Datasheet
394Kb / 21P
[Old version datasheet]   pixel ccd image sensor
TC253 TI1-TC253 Datasheet
256Kb / 19P
[Old version datasheet]   680x500 PIXEL CCD IMAGE SENSOR
TC236P TI-TC236P Datasheet
223Kb / 17P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC236 TI-TC236 Datasheet
189Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237B TI-TC237B Datasheet
205Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com