Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC341-40 Datasheet(PDF) 9 Page - Texas Instruments

Part # TC341-40
Description  780X488 PIXEL CCD IMAGE SENSOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC341-40 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TC341-40 Datasheet HTML 5Page - Texas Instruments TC341-40 Datasheet HTML 6Page - Texas Instruments TC341-40 Datasheet HTML 7Page - Texas Instruments TC341-40 Datasheet HTML 8Page - Texas Instruments TC341-40 Datasheet HTML 9Page - Texas Instruments TC341-40 Datasheet HTML 10Page - Texas Instruments TC341-40 Datasheet HTML 11Page - Texas Instruments TC341-40 Datasheet HTML 12Page - Texas Instruments TC341-40 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TC341
780×488 PIXEL
CCD IMAGE SENSOR
SOCS083A – OCTOBER 2002
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating ranges of supply voltage at operating
free-air temperature (unless otherwise noted)
MIN
TYP‡
MAX
UNIT
Charge conversion factor
6
µV/e
τ
Signal-response delay time (Note 2)
6
10
ns
Output resistance
500
Output dc level
3.6
5.5
V
Saturation voltage for progressive scan
240
mV
Saturation voltage for interlace scan by line summing
480
mV
Amplifier noise-equivalent signal without CDS† (Note 3)
50
e
Amplifier noise-equivalent signal with CDS† (Note 3)
35
e
Output signal dynamic range without CDS†
64
dB
Output signal dynamic range with CDS†
67
dB
Response linearity (Note 4)
1
Charge-transfer efficiency parallel register
0.9999
1
Charge-transfer efficiency serial register
0.9999
1
Supply current
mA
IAG
SAG
CI
Inp t capacitances
SRG
pF
CI
Input capacitances
RSG
pF
TRG
ODB
ADB
SRG high
P lse amplit de rejection ratio
SRG low
dB
Pulse amplitude rejection ratio
RSG high (Note 5)
dB
RSG low (Note 5)
ODB high (Note 6)
† All typical values are at TA = 25°C.
‡ CDS is a signal processing technique that improves performance by minimizing undesirable effects of reset noise.
NOTES:
2. The signal delay time is measured from the falling edge of the reset pulse (SRG) to 90% of valid signal.
3. The noise measurement is performed at 14.0 MHz. The value shown in the table is RMS value.
4. The response linearity is measured as a deviation from the straight line of the signal transfer curve (voltage output versus light input)
at the output saturation point.
5. This level affects only the reset feed through.
6. The charge clearing pulse applied to ODB during the charge readout may cause a slight feed through in the output. To avoid this
problem it is recommended to apply the charge clearing pulse only during the horizontal blanking times.


Similar Part No. - TC341-40

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
TC3417D-101M PRODUCTWELL-TC3417D-101M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC3418D-560M PRODUCTWELL-TC3418D-560M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC3418D-680M PRODUCTWELL-TC3418D-680M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC3418D-820M PRODUCTWELL-TC3418D-820M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Similar Description - TC341-40

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC281 TI1-TC281_03 Datasheet
268Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC255P TI1-TC255P_03 Datasheet
350Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC245_1998 TI1-TC245_1998 Datasheet
309Kb / 19P
[Old version datasheet]   pixel ccd image sensor
TC217 TI1-TC217_08 Datasheet
394Kb / 21P
[Old version datasheet]   pixel ccd image sensor
TC253 TI1-TC253 Datasheet
256Kb / 19P
[Old version datasheet]   680x500 PIXEL CCD IMAGE SENSOR
TC236P TI-TC236P Datasheet
223Kb / 17P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC236 TI-TC236 Datasheet
189Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237B TI-TC237B Datasheet
205Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com