Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS5100 Datasheet(PDF) 2 Page - Microchip Technology

Part # PS5100
Description  Nickel Chemistry Battery Manager Module with LED SOC Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS5100 Datasheet(HTML) 2 Page - Microchip Technology

  PS5100 Datasheet HTML 1Page - Microchip Technology PS5100 Datasheet HTML 2Page - Microchip Technology PS5100 Datasheet HTML 3Page - Microchip Technology PS5100 Datasheet HTML 4Page - Microchip Technology PS5100 Datasheet HTML 5Page - Microchip Technology PS5100 Datasheet HTML 6Page - Microchip Technology PS5100 Datasheet HTML 7Page - Microchip Technology PS5100 Datasheet HTML 8Page - Microchip Technology PS5100 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PS5100
DS21903A-page 2
 2004 Microchip Technology Inc.
1.0
GENERAL DESCRIPTION
The PS5100 module is a complete Smart Battery
controller subsystem based on the Microchip PS501
battery manager with patented Accuron® technology.
The module is designed to operate in a battery pack
consisting of six (6) to twelve (12) series connected
Ni-based cells. The module consists of the Microchip
PS501 battery manager IC with a four LED SOC
display and an optional connection for an external
thermistor.
1.1
Quick Start – Pack Assembly
Follow these directions to assemble a pack with the
PS5100 module.
• Use standard precautions when handling static
sensitive devices.
• Modules should be connected to battery cells in
the order indicated below to insure proper start-up
and operation. Wires should be attached to the
modules first and then connected to the battery
cells as instructed.
• The connection sequence is critical to successful
use of the PS501 family of CMOS ASICs. The
pack positive should be securely connected to the
module first, followed by pack negative.
Step 1) Configure the module for optional external
thermistor
use.
PS5100
modules
are
shipped configured to use the internal
temperature
sensor
only.
To
add
an
external thermistor to the board, remove
resistor R16 and connect the thermistor
across via TN and TR. A parameter change
is required to enable the external thermistor
measurements. Bit 5 of Flags1 must be
cleared.
Step 2) Connect wires to module. Use large
diameter wire (18 AWG-20 AWG) for
current carrying lines from VR and V1. All
others are signal only lines (24 to 22 AWG).
Step 3) Connect V1 to the most positive point on
the battery cell stack.
Step 4) Connect VR to the most negative point on
the battery cell stack.
Step 5) Connect external connector to BN, T, C, D
and BP.
Step 6) Program
the
assembled
pack
using
Microchip’s PowerTool™ 500 software and
PowerCal™ 2 board or PowerInfo™ 2
board hardware. The module is shipped
with default configuration values for a six
series cell pack. The Configuration Wizard
guides the user through basic configuration
and initial download. All of the configuration
parameters can be changed at will using
the utilities on the Parameters page in the
PowerTool 500 software.
Step 7) Calibrate the pack using the PowerTool 500
software and PowerCal 2 board hardware.
The pack is now ready for use.
FIGURE 1-1:
CONNECTION POINTS (SIDE 1)
BP
C
T
D
BN
VR V1
VP
TN
TR


Similar Part No. - PS5100

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS51259-A MITSUBISHI-PS51259-A Datasheet
55Kb / 6P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS51259-A MITSUBISHI-PS51259-A Datasheet
55Kb / 6P
   Single phase AC input, DC output IGBT/FWD converter
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
   Intelligent Power Intelligent Power Module
logo
Pixart Imaging Inc.
PS5150 PIXART-PS5150 Datasheet
142Kb / 1P
   PS5150 HD-720p CMOS IMAGE SENSOR
PS5150LT PIXART-PS5150LT Datasheet
142Kb / 1P
   PS5150 HD-720p CMOS IMAGE SENSOR
More results

Similar Description - PS5100

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PS4200 MICROCHIP-PS4200 Datasheet
266Kb / 8P
   PS402 Battery Manager Module with LED SOC Display
02/12/03
PS4160 MICROCHIP-PS4160 Datasheet
244Kb / 10P
   PS401 Battery Manager Module with LED SOC Display
03/25/03
PS5162 MICROCHIP-PS5162 Datasheet
165Kb / 10P
   Two-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
2004
PS5163 MICROCHIP-PS5163 Datasheet
184Kb / 10P
   Three-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
2004
PS5164 MICROCHIP-PS5164 Datasheet
204Kb / 10P
   PS501 Four-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
02/17/04
PS402-01XX MICROCHIP-PS402-01XX Datasheet
614Kb / 46P
   Single Chip Battery Manager - Nickel Chemistries
2003
PS501 MICROCHIP-PS501_04 Datasheet
575Kb / 44P
   Single Chip Field Reprogrammable Battery Manager - Nickel Chemistries
2004
logo
Maxim Integrated Produc...
MAX1647 MAXIM-MAX1647_V01 Datasheet
333Kb / 25P
   Chemistry-Independent Battery Chargers
2002
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
   Battery Manager
2014
logo
Shanghai Consonance Ele...
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com