Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93AA46A Datasheet(PDF) 1 Page - Microchip Technology

Part # 93AA46A
Description  1K-16K Microwire Compatible Serial EEPROMs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA46A Datasheet(HTML) 1 Page - Microchip Technology

  93AA46A_07 Datasheet HTML 1Page - Microchip Technology 93AA46A_07 Datasheet HTML 2Page - Microchip Technology 93AA46A_07 Datasheet HTML 3Page - Microchip Technology 93AA46A_07 Datasheet HTML 4Page - Microchip Technology 93AA46A_07 Datasheet HTML 5Page - Microchip Technology 93AA46A_07 Datasheet HTML 6Page - Microchip Technology 93AA46A_07 Datasheet HTML 7Page - Microchip Technology 93AA46A_07 Datasheet HTML 8Page - Microchip Technology 93AA46A_07 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
© 2007 Microchip Technology Inc.
DS21929D-page 1
93AA46A/B/C, 93LC46A/B/C, 93C46A/B/C
93AA56A/B/C, 93LC56A/B/C, 93C56A/B/C
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C
93AA86A/B/C, 93LC86A/B/C, 93C86A/B/C
Features:
• Densities from 1 Kbits through 16 Kbits
• Low-power CMOS technology
• Available with or without ORG function:
With ORG function:
- ORG pin at Logic Low: 8-bit word
- ORG pin at Logic High: 16-bit word
Without ORG function:
- ‘A’ version: 8-bit word
- ‘B’ version: 16-bit word
• Program Enable pin:
- Write-protect for entire array
(93XX76C and 93XX86C only)
• Self-timed Erase/Write cycles
(including auto-erase)
• Automatic ERAL before WRAL
• Power-on/off data protection circuitry
• Industry standard 3-wire serial I/O
• Device Status signal (Ready/Busy)
• Sequential Read function
• 1,000,000 E/W cycles
• Data retention > 200 years
• Pb-free and RoHS compliant
• Temperature ranges supported:
Pin Function Table
Description:
Microchip
Technology
Inc.
supports
the
3-wire
Microwire bus with low-voltage serial Electrically
Erasable PROMs (EEPROM) that range in density
from 1 Kbits up to 16 Kbits. Each density is available
with and without the ORG functionality, and selected
by the part number ordered. Advanced CMOS technol-
ogy makes these devices ideal for low-power, nonvol-
atile memory applications. The entire series of
Microwire devices are available in the standard 8-lead
PDIP and SOIC packages, as well as the more
advanced packaging such as the 8-lead MSOP, 8-lead
TSSOP, 6-lead SOT-23, and 8-lead DFN (2x3). All
packages are Pb-free.
Pin Diagrams (not to scale)
- Industrial (I)
-40°C to +85°C
- Automotive (E)
-40°C to +125°C
Name
Function
CS
Chip Select
CLK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
VSS
Ground
PE
Program Enable
ORG
Memory Configuration
VCC
Power Supply
Note:
ORG and PE functionality not available in
all
products.
See
Table 1-1,
Device
Selection Table.
PDIP/SOIC
(P, SN)
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
VCC
NC
ORG
VSS
ROTATED SOIC
(ex: 93LC46BX)
TSSOP/MSOP
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
VCC
PE(2,3)
ORG(1,3)
VSS
(ST, MS)
SOT-23
DO
VSS
DI
1
2
3
6
5
4
VCC
CS
CLK
(OT)
Note 1: ORG pin: Only on 93XX46C/56C/66C/76C/86C.
2: PE pin: Only on 93XX76C/86C.
3: ORG/PE: No internal connections on 93XXA/B.
DI
DO
VSS
ORG
1
2
3
4
8
7
6
5
CLK
CS
VCC
PE
(1,3)
(1,3)
(2,3)
DFN (MC)
1
2
3
4
5
6
7
8
CS
CLK
DI
DO
VCC
PE(2,3)
ORG(1,3)
VSS
1K-16K Microwire Compatible Serial EEPROMs


Similar Part No. - 93AA46A_07

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA46A MICROCHIP-93AA46A_05 Datasheet
438Kb / 28P
   1K Microwire Compatible Serial EEPROM
2005
More results

Similar Description - 93AA46A_07

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
   1K Microwire Compatible Serial EEPROM
11/29/12
93AA46A MICROCHIP-93AA46A Datasheet
403Kb / 24P
   1K Microwire Compatible Serial EEPROM
2003
93AA46A MICROCHIP-93AA46A_10 Datasheet
736Kb / 34P
   1K Microwire Compatible Serial EEPROM
2010
93LC46BT-SN MICROCHIP-93LC46BT-SN Datasheet
1Mb / 38P
   1K Microwire Compatible Serial EEPROM
11/29/12
93AA46A MICROCHIP-93AA46A_05 Datasheet
438Kb / 28P
   1K Microwire Compatible Serial EEPROM
2005
93LC46A MICROCHIP-93LC46A Datasheet
420Kb / 28P
   1K Microwire Compatible Serial EEPROM
2005
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
   16K Microwire Compatible Serial EEPROM
2005
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com